Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ7660N Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TJ7660N
Description  Charge Pump Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ7660N Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TJ7660N Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ7660N Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ7660N Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ7660N Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ7660N Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ7660N Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ7660N Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ7660N Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ7660N Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Charge Pump Voltage Converters
TJ7660
Typical Performance Curves
HTC
- 4 -
NOTE:
6. These curves include in the supply current that current fed directly into the load RL from the V+ (See Figure 11). Thus,
approximately half the supply current goes directly to the positive side of the load, and the other half, through the TJ7660,
to the negative side of the load. Ideally, VOUT = 2VIN, IS = 2IL, so VIN x IS = VOUT x IL.
Output Resistance vs. Supply Voltage
10
100
1000
10000
123
45
678
Supply Voltage(v)
Output Load vs. Load Current(V
+=+5)
80
90
100
110
120
130
0
1
5
10
15
20
25
Load Current(mA)
Power Convension Efficiency vs.Load Current(V
+=+5V)
0
10
20
30
40
50
60
70
80
90
100
5
1015
202530
Load Current(mA)


Similar Part No. - TJ7660N

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ7660N HTC-TJ7660N Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
More results

Similar Description - TJ7660N

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
logo
Microchip Technology
TC1225 MICROCHIP-TC1225 Datasheet
1Mb / 9P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
2001
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com