Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ49150GD Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # TJ49150GD
Description  1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ49150GD Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  TJ49150GD Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TJ49150
July 2011
HTC
3
PIN CONFIGURATION
SOP-8 / SOP-8-PP
TO-252-5L
PIN DESCRIPTION
Pin No.
Pin Name
Pin Function
SOP-8
SOP-8-PP
TO252-5L
1
1
1
ADJ
Output Adjust for Adjustable Output.
2
2
2
IN
Power Input.
8
8
3
GND
Reference Ground.
3
3
4
OUT
Power Output.
4
4
5
BIAS
Input Bias Voltage for powering all circuitry on
the regulator except the output power TR.
5
5
-
EN
Chip Enable (SOP-8/SOP-8-PP Only).
6, 7
6, 7
-
NC
No Connection.
-
Exposed PAD
TAB
Thermal Exposed PAD / TAB
Connect to ground.
ADJ
IN
OUT
BIAS
Thermal
Exposed
PAD
GND
NC
NC
EN
ADJ
IN
GND
OUT
BIAS
TAB


Similar Part No. - TJ49150GD

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ490GRS-1.0-3L HTC-TJ490GRS-1.0-3L Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49300GDP HTC-TJ49300GDP Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49300GR HTC-TJ49300GR Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49300GRS HTC-TJ49300GRS Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ49150GD

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com