Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC423MS8E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC423MS8E
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC423MS8E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC423MS8E Datasheet HTML 1Page - Hittite Microwave Corporation HMC423MS8E Datasheet HTML 2Page - Hittite Microwave Corporation HMC423MS8E Datasheet HTML 3Page - Hittite Microwave Corporation HMC423MS8E Datasheet HTML 4Page - Hittite Microwave Corporation HMC423MS8E Datasheet HTML 5Page - Hittite Microwave Corporation HMC423MS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 278
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC423MS8 / 423MS8E
v02.0705
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC423MS8 / HMC423MS8E is ideal for:
• Base Stations
• Portable Wireless
• CATV/DBS
• ISM
The HMC423MS8 & HMC423MS8E are double bal-
anced mixer ICs with integrated LO amplifiers. This
mixer can operate as an upconverter or downcon-
verter between 0.6 GHz and 1.3 GHz. With the inte-
grated LO amplifier, the mixer requires an LO drive
level of only 0 dBm, and requires only 15mA from a
single positive +3V rail. The mixer has 8 dB of conver-
sion loss, an input P1dB of +8 dBm and an input third
order intercept point of +15 dBm at 1.3 GHz.
Integrated LO Amplifier w/ Pdiss <50 mW
Conversion Loss / Noise Figure: 8 dB
Low LO Drive: 0 dBm
Input IP3: +15 dBm
Single Positive Supply: 3V, 15 mA
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 0.6 - 1.3 GHz
Parameter
IF = 100 MHz
LO = 0 dBm, Vdd = 3V
Units
Min.
Typ.
Max.
Frequency Range, RF & LO
0.6 - 1.3
GHz
Frequency Range, IF
DC - 0.4
GHz
Conversion Loss
811
dB
Noise Figure (SSB)
811
dB
LO to RF Isolation
25
35
dB
LO to IF Isolation
15
25
dB
RF to IF Isolation
12
20
dB
IP3 (Input)
13
15
dBm
1 dB Compression (Idd)
6.5
8
dBm
Supply Current (Idd)
15
mA
* Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.


Similar Part No. - HMC423MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
More results

Similar Description - HMC423MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC552LP4 HITTITE-HMC552LP4 Datasheet
300Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC353MS8 HITTITE-HMC353MS8_01 Datasheet
248Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC333 HITTITE-HMC333_06 Datasheet
337Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com