Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3964GRS-1.5-5L Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3964GRS-1.5-5L
Description  1A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3964GRS-1.5-5L Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  TJ3964GRS-1.5-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.5-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.5-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.5-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.5-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.5-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.5-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.5-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.5-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1A Ultra Low Dropout Linear Regulator
TJ3964
Dec. 2009 – Rev. 1.1
- 3 -
HTC
Ordering Information (Continued)
Package Type
Root Name
Product Code
TJ 3964
Output Voltage : ADJ / 1.2 / 1.5 / 1.8 / 2.5 / 3.3
Lead Count : 3L / 5L (TO-252 PKG Only)
*
SF5
S
RS
D
Green Mode
G
: Halogen Free
Blank : Pb Free
: SOT-23 5
: SOT-223
: TO-252
: SOP-8
* It is written to distinguish the lead count of TO-252 PKG


Similar Part No. - TJ3964GRS-1.5-5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
TJ3965D-1.2 ETC1-TJ3965D-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965D-1.2V-8L HTC-TJ3965D-1.2V-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
TJ3965D-1.8 ETC1-TJ3965D-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3964GRS-1.5-5L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com