Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3964GRS-1.8-3L Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3964GRS-1.8-3L
Description  1A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3964GRS-1.8-3L Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3964GRS-1.8-3L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.8-3L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.8-3L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.8-3L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.8-3L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.8-3L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.8-3L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.8-3L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3964GRS-1.8-3L Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1A Ultra Low Dropout Linear Regulator
TJ3964
Dec. 2009 – Rev. 1.1
- 9 -
HTC
Output Capacitor
The TJ3964 requires a proper output capacitance to maintain stability and improve transient response
over current. The ESR of the output capacitor within the limits of 0.5Ω to 10Ω is required. A minimum
capacitance value of 22µF of tantalum or aluminum electrolytic capacitor is recommended. In a case of
ceramic capacitor, a minimum capacitance value of 10µF is required and additional resistance of
minimum 1Ω should be added with the output capacitor in series to maintain its minimum ESR. The
resistance and capacitance have to be varied upon the load current.
VOUT
ADJ
GND
R2
R1
22µF
OUTPUT
+
-
VOUT
ADJ
GND
R2
R1
10µF
OUTPUT
Additional Resistance
Maximum Output Current Capability
The TJ3964 can deliver a continuous current of 1A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages.
A heat sink may be required depending on the maximum power dissipation and maximum ambient
temperature of application. With respect to the applied package, the maximum output current of 1A may
be still undeliverable due to the restriction of the power dissipation of TJ3964. Under all possible
conditions, the junction temperature must be within the range specified under operating conditions.
The temperatures over the device are given by:
TC = TA + PD X θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the
total power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal
resistance of junction-to-case, and θJA is the thermal resistance of junction to ambient.
The total power dissipation of the device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics.
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax)
of the application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
TJ3964 is available in SOT23-5, SOT-223, TO-252 and SOP-8 packages. The thermal resistance
depends on amount of copper area or heat sink, and on air flow. If the maximum allowable value of θJA
calculated above is as described in Table 1, no heat sink is needed since the package can dissipate
enough heat to satisfy these requirements. If the value for allowable θJA falls near or below these limits, a
heat sink or proper area of copper plane is required.


Similar Part No. - TJ3964GRS-1.8-3L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
TJ3965D-1.2 ETC1-TJ3965D-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965D-1.2V-8L HTC-TJ3965D-1.2V-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
TJ3965D-1.8 ETC1-TJ3965D-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3964GRS-1.8-3L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com