Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ5205DP-2.9V Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # TJ5205DP-2.9V
Description  150mA Low Noise LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ5205DP-2.9V Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

  TJ5205DP-2.9V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ5205DP-2.9V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ5205DP-2.9V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ5205DP-2.9V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ5205DP-2.9V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ5205DP-2.9V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ5205DP-2.9V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ5205DP-2.9V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ5205DP-2.9V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
150mA Low Noise LDO Regulator
TJ5205
Dec. 2010 - Rev. 1.5.1
- 8
-
HTC
TYPICAL OPERATING CHARACTERISTICS
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 2.2µF
C
BYP = 0.01µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
Power Supply Ripple Rejection
vs. Voltage Drop
I
OUT = 100mA
10mA
1mA
C
OUT = 1µF
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 1mA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 1mA
C
OUT = 2.2µF
C
BYP = 0.01µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
Power Supply Ripple Rejection
vs. Voltage Drop
I
OUT = 100mA
10mA
1mA
C
OUT = 2.2µF
C
BYP = 0.01µF
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 10mA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10 100 1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 10mA
C
OUT = 2.2µF
C
BYP = 0.01µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
10
100
1000
10000
10
100
1000
10000
CAPACITANCE (pF)
Turn-On Time
vs. Bypass Capacitance


Similar Part No. - TJ5205DP-2.9V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ5 VISHAY-TJ5 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
TJ5 VISHAY-TJ5 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
TJ5-HT VISHAY-TJ5-HT Datasheet
161Kb / 5P
   Toroid, High Current, High Temperature
Revision: 05-Dec-07
TJ5-HT VISHAY-TJ5-HT Datasheet
147Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
TJ5-HT VISHAY-TJ5-HT Datasheet
147Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
More results

Similar Description - TJ5205DP-2.9V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com