Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ5205SF5-3.6V Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ5205SF5-3.6V
Description  150mA Low Noise LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ5205SF5-3.6V Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ5205SF5-3.6V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
150mA Low Noise LDO Regulator
TJ5205
Dec. 2010 - Rev. 1.5.1
- 1
-
HTC
SOT-23 5L
SOP-8PP
ORDERING INFORMATION
Device
Package
TJ5205SF5-X.X
TJ5205SF5-ADJ
SOT-23 5L
TJ5205DP-X.X
TJ5205DP-ADJ
SOP-8PP
FEATURES
Ultra Low Noise Output
High Output Voltage Accuracy
Guaranteed 150mA Output
Maximum Output Voltage of Adjustable type is 8.5V.
Low Quiescent Current
Low Dropout Voltage
Extremely Tight Load and Line Regulation
Very Low Temperature Coefficient
Current and Thermal Limiting
Reverse-battery Protection
“Zero” off-mode Current
Logic-controlled Enable
Moisture Sensitivity Level 3
APPLICATION
Cellular Telephones
Laptop, Notebook, and Palmtop Computers
Battery-powered Equipment
PCMCIA VCC and VPP Regulation/Switching
Consumer/Personal Electronics
SMPS Post-regulator/DC to DC Modules
High-efficiency Linear Power Supplies
X.X = Output Voltage = 2.5, 2.7, 2.8, 2.85, 2.9, 3.0, 3.3, 3.6,
3.8, 4.0, 5.0
DESCRIPSION
The TJ5205 is an efficient linear voltage regulator with ultra low-noise output, very low dropout voltage (typically
17mV at light loads and 165mV at 150mA), and very low ground current (600µA at 100mA output).
The TJ5205 offers better than 1% initial accuracy. Designed especially for hand-held, battery-powered devices,
the TJ5205 includes a CMOS or TTL compatible enable/shutdown control input. When shutdown, power
consumption drops nearly to zero.
Regulator ground current increases only slightly in dropout, further prolonging battery life.
Key TJ5205 features include a reference bypass pin to improve its already excellent low-noise performance,
reversed-battery protection, current limiting, and over temperature shutdown.
The TJ5205 is available in fixed and adjustable output voltage versions in SOT-23-5 PKG and SOP-8PP PKG.
And adjustable type’s maximum output voltage is 8.5V.
Absolute Maximum Ratings (Note 1)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Supply Voltage
VIN
-0.3
20
V
Enable Input Voltage
VEN
-0.3
20
V
Lead Temperature (Soldering, 5 sec)
TSOL
-
260
Storage Temperature Range
TSTG
-65
150
Operating Junction Temperature Range
TJOPR
-40
125


Similar Part No. - TJ5205SF5-3.6V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ5 VISHAY-TJ5 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
TJ5 VISHAY-TJ5 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
TJ5-HT VISHAY-TJ5-HT Datasheet
161Kb / 5P
   Toroid, High Current, High Temperature
Revision: 05-Dec-07
TJ5-HT VISHAY-TJ5-HT Datasheet
147Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
TJ5-HT VISHAY-TJ5-HT Datasheet
147Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
More results

Similar Description - TJ5205SF5-3.6V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com