Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3965MD-1.8V-8L Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3965MD-1.8V-8L
Description  1.5A Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3965MD-1.8V-8L Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3965MD-1.8V-8L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.8V-8L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.8V-8L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.8V-8L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.8V-8L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.8V-8L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.8V-8L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.8V-8L Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TJ3965MD-1.8V-8L Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Jul. 2010 – Rev. 1.12
- 11 -
HTC
Characteristic
Symbol
Rating
Unit
Thermal Resistance Junction-To-Ambient / MSOP8
θJA-MSOP8
220
°C/W
Thermal Resistance Junction-To-Ambient / SOP8
θJA-SOP8
165
°C/W
Thermal Resistance Junction-To-Ambient / SOP8-PP
θJA-SOP8-PP
175
°C/W
Thermal Resistance Junction-To-Ambient / SOT223
θJA-SOT223
140
°C/W
Thermal Resistance Junction-To-Ambient / TO252
θJA-TO252
105
°C/W
Thermal Resistance Junction-To-Ambient / TO263
θJA-TO263
80
°C/W
Thermal Resistance Junction-To-Ambient / TO220
θJA-TO220
70
°C/W
Thermal Resistance Junction-To-Ambient / SOT89
θJA-SOT89
200
°C/W
In case that there is no cooling solution and no heat sink / copper plane area for heat sink, the maximum
allowable power dissipation of each package is as follow;
Characteristic
Symbol
Rating
Unit
Maximum Allowable Power Dissipation at TA=25°C / MSOP8
PDMax-MSOP8
0.455
W
Maximum Allowable Power Dissipation at TA=25°C / SOP8
PDMax -SOP8
0.606
W
Maximum Allowable Power Dissipation at TA=25°C / SOP8-PP
PDMax -SOP8-PP
0.571
W
Maximum Allowable Power Dissipation at TA=25°C / SOT223
PDMax -SOT223
0.714
W
Maximum Allowable Power Dissipation at TA=25°C / TO252
PDMax -TO252
0.952
W
Maximum Allowable Power Dissipation at TA=25°C / TO263
PDMax -TO263
1.250
W
Maximum Allowable Power Dissipation at TA=25°C / TO220
PDMax -TO220
1.429
W
Maximum Allowable Power Dissipation at TA=25°C / SOT89
PDMax –SOT89
0.500
W
- Please note that above maximum allowable power dissipation is based on the minimum copper
plane area which does not exceed the proper footprint of the package. And the ambient
temperature is 25°C.
If proper cooling solution such as heat sink, copper plane area, air flow is applied, the maximum
allowable power dissipation could be increased. However, if the ambient temperature is increased, the
allowable power dissipation would be decreased.
For example, in case of SOT223 and TO263 package, θJA-SOT223 is 140 °C/W and θJA-TO263 is 80 °C/W,
however, as shown in below graph, θJA could be decreased with respect to the copper plane area. So,
the specification of maximum power dissipation for an application is fixed, the proper copper plane area
could be estimated by following graphs. As shown in graph, wider copper plane area leads lower θJA.


Similar Part No. - TJ3965MD-1.8V-8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965MD-1.8 ETC1-TJ3965MD-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965MD-1.8V-8L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com