Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494N Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # TL494N
Description  Pulse-Width-Modulation Control Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL494N Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  TL494N Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL494N Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL494N Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL494N Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL494N Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL494N Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pulse-Width-Modulation Control Circuits
TL494
2008 - Ver. 1.2
HTC
3 / 6
+
-
+
-
Vref
OTHER
AMPLIFIER
FEEDBACK
TERMINAL
AMPLIFIER
UNDER TEST
FIGURE 2. AMPLIFIER CHARACTERISTICS
TEST CIRCUIT
(EACH OUTPUT
CIRCUIT)
OUTPUT
CL=15pF
(Includes probe
and
jig capacitance)
15 V
68 Ω
2 W
90%
10%
90%
10%
t f
t r
OUTPUT VOLTAGE WAVEFORM
FIGURE 3. COMMON-EMITTER CONFIGURATION
TEST CIRCUIT
(EACH OUTPUT
CIRCUIT)
15 V
CL=15pF
(Includes probe
and
jig capacitance)
68 Ω
2 W
90%
90%
10%
10%
t f
t r
OUTPUT VOLTAGE WAVEFORM
FIGURE 4. EMITTER-FOLLOWER CONFIGURATION


Similar Part No. - TL494N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494N TI-TL494N Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
HTC Korea TAEJIN Techno...
TL494N HTC-TL494N Datasheet
102Kb / 6P
   Pulse-Width-Modulation Control Circuits
logo
ARTSCHIP ELECTRONICS CO...
TL494N ARTSCHIP-TL494N Datasheet
671Kb / 7P
   SMPS Controller
logo
Texas Instruments
TL494NS TI-TL494NS Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com