Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3964D-2.5 Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3964D-2.5
Description  1A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3964D-2.5 Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3964D-2.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3964D-2.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3964D-2.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3964D-2.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3964D-2.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3964D-2.5 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3964D-2.5 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3964D-2.5 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3964D-2.5 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1A Ultra Low Dropout Linear Regulator
TJ3964
Dec. 2009 – Rev. 1.1
- 10 -
HTC
Table. 1. Absolute Maximum Ratings of Thermal Resistance
No heat sink / No air flow / No adjacent heat source / TA = 25°C
Characteristic
Symbol
Rating
Unit
Thermal Resistance Junction-To-Ambient / SOT23-5
θJA-SOT23-5
265
°C/W
Thermal Resistance Junction-To-Ambient / SOP-8
θJA-SOP-8
165
°C/W
Thermal Resistance Junction-To-Ambient / SOT223
θJA-SOT223
140
°C/W
Thermal Resistance Junction-To-Ambient / TO252
θJA-TO252
105
°C/W
In case that there is no cooling solution and no heat sink / minimum copper plane area for heat sink, the
maximum allowable power dissipation of each package is as follow;
Characteristic
Symbol
Rating
Unit
Maximum Allowable Power Dissipation at TA=25°C / SOT23-5
PDMax-SOT23-5
0.378
W
Maximum Allowable Power Dissipation at TA=25°C / SOP-8
PDMax-SOP-8
0.606
W
Maximum Allowable Power Dissipation at TA=25°C / SOT223
PDMax-SOT223
0.714
W
Maximum Allowable Power Dissipation at TA=25°C / TO252
PDMax-TO252
0.952
W
- Please note that above maximum allowable power dissipation is based on the minimum copper
plane area which does not exceed the proper footprint of the package. And the ambient
temperature is 25°C.
If proper cooling solution such as heat sink, copper plane area, air flow is applied, the maximum allowable
power dissipation could be increased. However, if the ambient temperature is increased, the allowable
power dissipation would be decreased.
For example, in case of SOT-223 and TO-252 package, θJA-SOT223 is 140 °C/W and θJA-TO52 is 105 °C/W,
however, as shown in below graph, θJA could be decreased with respect to the copper plane area. So,
the specification of maximum power dissipation for an application is fixed, the proper copper plane area
could be estimated by following graphs. As shown in graph, wider copper plane area leads lower θJA.
Junction To Ambient Thermal Resistance, θJA
vs. 1 ounce Copper Area [SOT-223 Package]
Junction To Ambient Thermal Resistance, θJA
vs. 2 ounce Copper Area [TO-252 Package]


Similar Part No. - TJ3964D-2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
TJ3965D-1.2 ETC1-TJ3965D-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965D-1.2V-8L HTC-TJ3965D-1.2V-8L Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
TJ3965D-1.8 ETC1-TJ3965D-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3964D-2.5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com