Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3966GRS-1.8V-5L Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3966GRS-1.8V-5L
Description  3.0A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3966GRS-1.8V-5L Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  TJ3966GRS-1.8V-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-1.8V-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-1.8V-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-1.8V-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-1.8V-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-1.8V-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-1.8V-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-1.8V-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-1.8V-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3.0A Ultra Low Dropout Linear Regulator
TJ3966
Aug. 2010 - Rev. 1.7.1
- 5
-
HTC
TYPICAL APPLICATION
Typical 3 Pin Application
Typical 5 / 8 Pin Application
5 / 8 Pin Remote Load Sense Application
Typical Adjustable Version Application
* TJ3966 can deliver a continuous current of 3.0A over the full operating temperature. However, the output
current is limited by the restriction of power dissipation which differs from packages. A heat sink may be
required depending on the maximum power dissipation and maximum ambient temperature of application.
With respect to the applied package, the maximum output current of 3.0A may be still undeliverable.
* When a Pull-Up resistor is connected between VEN terminal and VEN Signal (or VIN line), the resistance
of the Pull-Up resistor should be kept under 10kΩ.
* See Application Information
VIN
VOUT
TJ3966
EN
SENSE
GND
INPUT
OUTPUT
CIN
68μF
COUT
33μF
EN
+
-
L
O
A
D
VIN
VOUT
TJ3966
EN
ADJ
GND
INPUT
OUTPUT
CIN
68μF
COUT
33μF
EN
+
-
R1
R2
VIN
VOUT
TJ3966
EN
SENSE
GND
INPUT
OUTPUT
CIN
68μF
COUT
33μF
EN
+
-
VIN
VOUT
TJ3966
GND
INPUT
OUTPUT
CIN
68μF
COUT
33μF
+
-
+
-
+
-
+
-
+
-


Similar Part No. - TJ3966GRS-1.8V-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3966GRS-1.8V-5L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com