Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-SD250 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-SD250
Description  Telecom PTC Resettable Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SD250 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-SD250 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SD250 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SD250 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MF-SD/250 Series - Telecom PTC Resettable Fuses
Storage Recommendations
The recommended long term storage conditions for Multifuse® Polymer PTC devices are 40 °C maximum and 70 % RH maximum. All
devices should remain in the original sealed packaging prior to use. Devices may not conform with data sheet specifications if these storage
recommendations are exceeded. Devices stored in this manner have an indefinite shelf life.
Packaging Dimensions
MF-SD/250 Series
Tape Dimensions
per EIA 481-2
W
24.0 ± 0.5
(0.945 ± 0.020)
P0
4.0
(0.157)
P
16.0
(0.630)
P2
2.0
(0.079)
A0
7.5 ± 0.2
(0.295 ± 0.008)
B0
9.0 ± 0.2
(0.354 ± 0.008)
D
1.5
(0.059)
F
11.5
(0.453)
E
1.75
(0.069)
t
0.5 ± 0.15
(0.020 ± 0.006)
K0
10.0 ± 0.2
(0.394 ± 0.008)
Leader min.
390
(15.35)
Trailer min.
160
(6.30)
DIMENSIONS:
MM
(INCHES)
A0
P
P0
T
K0
B0
F
E
W
P2
-0.4
(-.016)
D
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-SD/250, REV. B 08/11
13.2 +0.2/-0
(.520 +.008/-0
100 ± 1.5
(3.94 ± .059)
DIA.
24.4
(.961)
30.4
(1.197)
MAX.
MIN.
330 -2/+0
(12.99 -.079/+0)
DIA.


Similar Part No. - MF-SD250

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SD250 BOURNS-MF-SD250 Datasheet
340Kb / 3P
   Telecom PTC Resettable Fuses
More results

Similar Description - MF-SD250

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM013-250-2 BOURNS-MF-SM013-250-2 Datasheet
301Kb / 4P
   Telecom PTC Resettable Fuses
MFRX250 BOURNS-MFRX250 Datasheet
329Kb / 5P
   Telecom PTC Resettable Fuses
MF-SM013 BOURNS-MF-SM013 Datasheet
203Kb / 4P
   Telecom PTC Resettable Fuses
MF-SD013-250 BOURNS-MF-SD013-250 Datasheet
278Kb / 3P
   Telecom PTC Resettable Fuses
MF-RX012-250 BOURNS-MF-RX012-250 Datasheet
728Kb / 6P
   Telecom PTC Resettable Fuses
MF-SM013-250V BOURNS-MF-SM013-250V Datasheet
244Kb / 4P
   Telecom PTC Resettable Fuses
MF-RX250 BOURNS-MF-RX250_11 Datasheet
283Kb / 5P
   Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_12 Datasheet
340Kb / 3P
   Telecom PTC Resettable Fuses
MF-R600 BOURNS-MF-R600 Datasheet
209Kb / 4P
   Telecom PTC Resettable Fuses
MF-RX012 BOURNS-MF-RX012_07 Datasheet
337Kb / 5P
   Telecom PTC Resettable Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com