Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431SF Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TL431SF
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431SF Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431SF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431SF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431SF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431SF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431SF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431SF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431SF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431SF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431SF Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 6 -
HTC
The deviation parameters ΔVREF/ΔT and ΔIREF/ΔT are defined as the differences between the maximum and
minimum values obtained over the recommended temperature range. The average full-range temperature
coefficient of the reference voltage, αVREF, is defined as :
A
6
REF
I(dev)
REF
ΔT
10
×
)
25
at
V
V
(
=
)
(ppm/
αV
Where :
ΔTA is the recommended operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at
the lower temperature.
Example : Maximum VREF=2496mV at 30 , maximum V
REF=2492mV at 0
, V
REF=2495mV at 25
,
ΔTA=70
for TL431C.
23ppm/
70
10
×
)
2495mV
4mV
(
=
αV
6
REF
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as :
KA
KA
KA
ΔI
ΔV
=
Z
When the device is operating with two external resistors, the total dynamic impedance of the circuit is given by:
()
R1/R2
+
1
Z
ΔI
ΔV
=
Z
KA
'


Similar Part No. - TL431SF

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
TL431S CALOGIC-TL431S Datasheet
65Kb / 6P
   Precision Adjustable Precision Adjustable
logo
IK Semicon Co., Ltd
TL431S IKSEMICON-TL431S Datasheet
3Mb / 12P
   Programmable Precision Reference
logo
Guangdong Youtai Semico...
TL431S UMW-TL431S Datasheet
695Kb / 13P
   Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
TL431S5 CYSTEKEC-TL431S5 Datasheet
281Kb / 8P
   Adjustable Precision Shunt Regulators
TL431SA3 CYSTEKEC-TL431SA3 Datasheet
204Kb / 6P
   Adjustable Precision Shunt Regulators
More results

Similar Description - TL431SF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com