Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3965MD-5.0V-8L Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3965MD-5.0V-8L
Description  1.5A Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3965MD-5.0V-8L Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3965MD-5.0V-8L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3965MD-5.0V-8L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3965MD-5.0V-8L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3965MD-5.0V-8L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3965MD-5.0V-8L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3965MD-5.0V-8L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3965MD-5.0V-8L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3965MD-5.0V-8L Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TJ3965MD-5.0V-8L Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Jul. 2010 – Rev. 1.12
- 10 -
HTC
VOUT
ADJ
GND
R2
R1
22µF
OUTPUT
+
-
VOUT
ADJ
GND
R2
R1
10µF
OUTPUT
Additional Resistance
Maximum Output Current Capability
The TJ3965 can deliver a continuous current of 1.5A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages.
A heat sink may be required depending on the maximum power dissipation and maximum ambient
temperature of application. With respect to the applied package, the maximum output current of 1.5A
may be still undeliverable due to the restriction of the power dissipation of TJ3965. Under all possible
conditions, the junction temperature must be within the range specified under operating conditions.
The temperatures over the device are given by:
TC = TA + PD X θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the
total power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal
resistance of junction-to-case, and θJA is the thermal resistance of junction to ambient.
The total power dissipation of the device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics.
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax)
of the application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
TJ3965 is available in SOT223, MSOP8, SOP8-PP, TO263, TO220, and SOT89 packages. The thermal
resistance depends on amount of copper area or heat sink, and on air flow. If the maximum allowable
value of θJA calculated above is over 140°C/W for SOT223 package, over 220°C/W for MSOP8 package,
over 165°C/W for SOP8 package, over 175°C/W for SOP8-PP package, over 105 °C/W for TO252
package, over 80 °C/W for TO263 package, over 70 °C/W for TO220 package, no heat sink is needed
since the package can dissipate enough heat to satisfy these requirements. If the value for allowable θJA
falls near or below these limits, a heat sink or proper area of copper plane is required.
In summary, the absolute maximum ratings of thermal resistances are as follow:
Absolute Maximum Ratings of Thermal Resistance
No heat sink / No air flow / No adjacent heat source / TA = 25°


Similar Part No. - TJ3965MD-5.0V-8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965MD-5.0 ETC1-TJ3965MD-5.0 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965MD-5.0V-8L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com