Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC431LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC431LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC431LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC431LP4_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
11
11 - 84
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
The HMC431LP4 & HMC431LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices, varactor diodes, and buffer amplifiers. The
VCO’s phase noise performance is excellent over
temperature, shock, vibration and process due to the
oscillator’s monolithic structure.
Power output is 2
dBm typical from a 3V supply voltage. The voltage
controlled oscillator is packaged in a low cost leadless
QFN 4 x 4 mm surface mount package.
Pout: +2 dBm
Phase Noise: -102 dBc/Hz @100 kHz
No External Resonator Needed
Single Supply: 3V @ 27 mA
16mm2 Leadless SMT Package
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier
for C-Band applications such as:
• 802.11a & HiperLAN WLAN
• VSAT Radios
• UNII & Point-to-Point Radios
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
5.5 - 6.1
GHz
Power Output
-1
2
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-102
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc= 3.0V)
27
mA
Tune Port Leakage Current
10
μA
Output Return Loss
6dB
Harmonics
2nd
3rd
-15
-30
dBc
dBc
Pulling (into a 2.0:1 VSWR)
9MHz pp
Pushing @ Vtune= +5V
12
MHz/V
Frequency Drift Rate
0.8
MHz/°C
MMIC VCO w/ BUFFER
AMPLIFIER, 5.5 - 6.1 GHz
v04.1106
HMC431LP4 / 431LP4E


Similar Part No. - HMC431LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
More results

Similar Description - HMC431LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4 HITTITE-HMC431LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC466LP4 HITTITE-HMC466LP4 Datasheet
277Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
HMC466LP4 HITTITE-HMC466LP4_09 Datasheet
231Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
HMC430LP4 HITTITE-HMC430LP4_06 Datasheet
301Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC430LP4 HITTITE-HMC430LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com