Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC437MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC437MS8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC437MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC437MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC437MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 86
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range shown above
Vcc (V)
Icc (mA)
4.75
64
5.0
69
5.25
75
DC blocking capacitors are required at RF input and RF output ports.
Choose value for lowest frequency of operation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
-500
-400
-300
-200
-100
0
100
200
300
22.5
23
23.5
24
24.5
25
25.5
TIME (ns)
HMC437MS8G / 437MS8GE
SMT GaAs HBT MMIC
DIVIDE-BY-3, DC - 7 GHz
v04.0410
Absolute Maximum Ratings
Reliability Information
RF Input Power (Vcc = +5V)
13 dBm
Nominal +5V Supply to GND
-0.3V to +5.5V
Max Peak Flow Temperature
260 °C
Storage Temperature
-65 to +125 °C
ESD Sensitivity (HBM)
Class 1A
Junction Temperature to Maintain
1 Million Hour MTTF
135 °C
Nominal Junction Temperature
(T = 85 °C)
122 °C
Thermal Resistance
(Junction to GND Paddle, 3V Supply)
101.5 °C/W
Operating Temperature
-40 to +85 °C


Similar Part No. - HMC437MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC437MS8G HITTITE-HMC437MS8G Datasheet
227Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G Datasheet
311Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
logo
Analog Devices
HMC437MS8G AD-HMC437MS8G Datasheet
359Kb / 6P
   MS8G SMT Package
HMC437MS8GE AD-HMC437MS8GE Datasheet
359Kb / 6P
   MS8G SMT Package
logo
Hittite Microwave Corpo...
HMC437MS8G HITTITE-HMC437MS8G_06 Datasheet
311Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
More results

Similar Description - HMC437MS8G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC438MS8G AD-HMC438MS8G Datasheet
483Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Hittite Microwave Corpo...
HMC438MS8G HITTITE-HMC438MS8G_10 Datasheet
230Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
HMC437MS8G HITTITE-HMC437MS8G Datasheet
227Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G_06 Datasheet
311Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com