Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440QS16GE Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # 440QS16GE
Description  2.8 GHz INTEGER-N SYNTHESIZER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

440QS16GE Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button 440QS16GE Datasheet HTML 2Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 3Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 4Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 5Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 6Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 7Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 8Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 9Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8
8 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Synchronous Programming
For applications which can not tolerate a momentary undefined division ratio, which normally occurs while changing
the data bits (A0-A4) at random, synchronous programming can be used. Data is loaded into the counter on every
rising edge of the clock which occurs while the output (OUT) is “HIGH”. The typical minimum setup and hold times are
shown in the table below as a function of frequency. For precision applications, the rising edge of the complementary
output may be used to latch the new data bits (A0-A4), so that all bits are settled before the next load cycle.
T
SETTLING MAX
= N/f
IN
(For Synchronous Programming)
Where N is the desired division ratio, and f
IN
= Input Frequency (Hz)
Programmable Divider Timing Requirements
for Synchronous Programming
IN
OUT
OUT
C UR R E NT DAT A
NE W DAT A
A0-A4
t
SU
t
HOLD
Data Load
Ris ing E dge
Ris ing E dge to
Clock New Data
Parameter
0.5 GHz
1 GHz
2 GHz
t
SETUP
200 ps
200 ps
200 ps
t
HOLD
700 ps
300 ps
120 ps
HMC440QS16G / 440QS16GE
v03.0808
2.8 GHz INTEGER-N SYNTHESIZER
(N = 2 - 32)


Similar Part No. - 440QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
440QS16GE HITTITE-440QS16GE Datasheet
558Kb / 10P
   HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz
logo
Analog Devices
440QS16GE AD-440QS16GE Datasheet
593Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
More results

Similar Description - 440QS16GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC440QS16G AD-HMC440QS16G Datasheet
593Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
HMC699LP5 AD-HMC699LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5 Datasheet
699Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
HMC699LP5 HITTITE-HMC699LP5 Datasheet
697Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
logo
Analog Devices
HMC4069LP4E AD-HMC4069LP4E Datasheet
1Mb / 12P
   2.9 GHz INTEGER-N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5_10 Datasheet
1,002Kb / 12P
   7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com