Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P500-G200-WH Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # P500-G200-WH
Description  TBU짰 P500-G and P850-G Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P500-G200-WH Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  P500-G200-WH Datasheet HTML 1Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 2Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 3Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 4Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 5Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 6Page - Bourns Electronic Solutions P500-G200-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBU® P500-G and P850-G Protectors
Thermal Resistances
Part #
Symbol
Parameter
Value
Unit
P500-G
Rth(j-a)
Junction to leads (package)
113
°C/W
Junction to leads (per TBU® device)
236
°C/W
P850-G
Rth(j-a)
Junction to leads (package)
119
°C/W
Junction to leads (per TBU® device)
215
°C/W
Reflow Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/sec. max.
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 sec.
Time maintained above:
- Temperature (TL)
- Time (tL)
217 °C
60-150 sec.
Peak/Classification Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temp. (tp)
20-40 sec.
Ramp-Down Rate
6 °C/sec. max.
Time 25 °C to Peak Temperature
8 min. max.


Similar Part No. - P500-G200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G200-WH BOURNS-P500-G200-WH Datasheet
755Kb / 7P
   Extremely high speed performance
P500-G200-WH BOURNS-P500-G200-WH Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
P500-G200-WH BOURNS-P500-G200-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
More results

Similar Description - P500-G200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G_13 Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
P40-G240-WH BOURNS-P40-G240-WH Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
P650-U BOURNS-P650-U_11 Datasheet
784Kb / 6P
   P650-U and P850-U Series TBU짰 High-Speed Protectors
MOV-07D201K BOURNS-MOV-07D201K_12 Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH_11 Datasheet
562Kb / 5P
   TBU짰 High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_12 Datasheet
694Kb / 6P
   C650 and C850 Series TBU짰 High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-500-WH BOURNS-TBU-CA085-500-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com