Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3966T-5.0V Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3966T-5.0V
Description  3.0A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3966T-5.0V Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ3966T-5.0V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3966T-5.0V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3966T-5.0V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3966T-5.0V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3966T-5.0V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3966T-5.0V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3966T-5.0V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3966T-5.0V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3966T-5.0V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3.0A Ultra Low Dropout Linear Regulator
TJ3966
Aug. 2010 - Rev. 1.7.1
- 1
-
HTC
SOP8-PP PKG
TO-252 3L/ 5L PKG
TO-263 3L/ 5L PKG
TO-220 3L/ 5L PKG
ORDERING INFORMATION
Device
Package
TJ3966DP-ADJ
TJ3966DP-X.X
SOP8-PP
TJ3966GRS-ADJ
TJ3966GRS-X.X
TO-252 3L/5L
TJ3966GR-ADJ
TJ3966GR-X.X
TO-263 3L/5L
TJ3966T-ADJ
TJ3966T-X.X
TO-220 3L/5L
FEATURES
Ultra Low Dropout Voltage
Low Ground Pin Current
Excellent Line and Load Regulation
Guaranteed Output Current of 3.0A
Available in SOP8-PP, TO-252, TO-263, and TO-220
Packages
Fixed Output Voltages : 1.2V, 1.8V, 2.5V, 3.3V, and 5.0V
SENSE Option Improves Load Regulation
Over-Temperature/Over-Current Protection
-40℃ to 125℃ Junction Temperature Range
Moisture Sensitivity Level 3
APPLICATION
Battery Powered Equipments
Motherboards and Graphic Cards
Microprocessor Power Supplies
Peripheral Cards
High Efficiency Linear Regulators
Battery Chargers
DESCRIPSION
The TJ3966 series of high performance ultra low-dropout
linear regulators operates from 2.5V to 6V input supply
and provides ultra low-dropout voltage, high output
current with low ground current. Wide range of preset
output voltage options are available. These ultra low
dropout linear regulators respond fast to step changes in
load which makes them suitable for low voltage micro-
processor applications. The TJ3966 is developed on a
CMOS process technology which allows low quiescent
current operation independent of output load current. This
CMOS process also allows the TJ3966 to operate under
extremely low dropout conditions.
X.X = Output Voltage = 1.2, 1.8, 2.5, 3.3, and 5.0
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Supply Voltage (Survival)
VIN
-0.3
7.0
V
Enable Input Voltage (Survival)
VEN
(1)
-0.3
7.0
V
Maximum Output Current
IMAX
-
3.0
A
Lead Temperature (Soldering, 5 sec)
TSOL
260
Storage Temperature Range
TSTG
-65
150
Operating Junction Temperature Range
TJOPR
-40
125
(1) It is recommended for VEN not to exceed VIN Voltage


Similar Part No. - TJ3966T-5.0V

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3966T-5.0V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com