Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2011-0000-000P00G030H Datasheet(PDF) 6 Page - Cree, Inc

Part # CXA2011-0000-000P00G030H
Description  Cree짰 XLamp짰 CXA2011 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011-0000-000P00G030H Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXA2011-0000-000P00G030H Datasheet HTML 2Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 3Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 4Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 5Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 6Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 7Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 8Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 9Page - Cree, Inc CXA2011-0000-000P00G030H Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
XLamp CXa2011 LED
relative chromaticity vs. current and temPerature
The following graphs represent typical chromaticity vs current and temperature for the XLamp CXa2011 at 3000K CCT
The following graphs represent typical chromaticity vs current and temperature for the XLamp CXa2011 at 5000K CCT
CXA2011 E3
CXA2011, E7
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
200
400
600
800
1000
Current (mA)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
200
400
600
800
1000
Current (mA)
ΔCCx
ΔCCy
CXA2011 E3
CXA2011, E7
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
25
50
75
100
125
150
Tj(°C)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
25
50
75
100
125
150
Tj(°C)
ΔCCx
ΔCCy
CXA2011 E3
CXA2011, E7
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
200
400
600
800
1000
Current (mA)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
200
400
600
800
1000
Current (mA)
ΔCCx
ΔCCy
CXA2011 E3
CXA2011, E7
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
25
50
75
100
125
150
Tj(°C)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
25
50
75
100
125
150
Tj(°C)
ΔCCx
ΔCCy


Similar Part No. - CXA2011-0000-000P00G030H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011-0000-000P00G030H CREE-CXA2011-0000-000P00G030H Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
More results

Similar Description - CXA2011-0000-000P00G030H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com