Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1D10A-330M Datasheet(PDF) 1 Page - ice Components, Ins.

Part # 1D10A-330M
Description  Class D Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

1D10A-330M Datasheet(HTML) 1 Page - ice Components, Ins.

  1D10A-330M Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Small Footprint
• Shielded Design for low EMI
• Ferrite Material Designed
for Audio Applications
Schematic
Applications
• Class D Audio Amplifiers
Electrical Specifications
units: mm
Side View
Footprint
Part No.
Ls1
DCR
Isat5
IDC4
(uH +/-20%)
(mOhms Max.)
(Adc)
(Adc)
1D10A-100M
10
20.5
7.5
4.5
1D10A-150M
15
20.5
5
4.5
1D10A-220M
22
20.5
3.5
4.5
1D10A-330M
33
20.5
2
4.5
Notes:
1. Tested at 1kHz, 1Vrms series.
2. Electrical specifications at 25°C.
3. Operating range: -40°C to +130°C. This is a combination of ambient plus temperature rise.
4. DC current through winding to cause a 40°C temperature rise at 25°C ambient.
5. DC current through the winding to cause a 10% drop in inductance
6. All products are RoHS-compliant
7. Meets UL 94V-0
.
Front View
1D10A Series
Class D Inductor
800.729.2099 tel
www.icecomponents.com
(12/09) 1D10A-1
Specifications subject to change without notice.
�����������
�������
���������������
�����������
����������
����
������������
��������
��������
���
���


Similar Part No. - 1D10A-330M

ManufacturerPart #DatasheetDescription
logo
Altech corporation
1D10UM ALTECH-1D10UM Datasheet
354Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
More results

Similar Description - 1D10A-330M

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
1D17A ICE-1D17A Datasheet
154Kb / 1P
   Class D Inductor
1D23A ICE-1D23A Datasheet
308Kb / 1P
   Class D Inductor
1D14A ICE-1D14A Datasheet
156Kb / 1P
   Class D Inductor
logo
XFMRS Inc.
XF0206-V1062 XFMRS-XF0206-V1062 Datasheet
46Kb / 1P
   Class D Inductor
2XF0106-VOD XFMRS-2XF0106-VOD Datasheet
49Kb / 1P
   Class D Amp Inductor
logo
Coilcraft lnc.
RA7231 COILCRAFT-RA7231_16 Datasheet
210Kb / 2P
   Dual Inductor for Class D
GA3416-CL COILCRAFT-GA3416-CL Datasheet
203Kb / 2P
   Dual Inductor for Class D
GA3416 COILCRAFT-GA3416_16 Datasheet
197Kb / 2P
   Dual Inductor for Class D
logo
Texas Instruments
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com