Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC446 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC446
Description  GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC446 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC446_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC446_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC446_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC446_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC446_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC446_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10 - 276
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Max. Input Power
(Vdd = +8V, V
CTL
= 0/+8V)
Tx Port
Rx Port
41 dBm
33 dBm
Supply Voltage (Vdd)
+10 Vdc
Control Voltage Range (Vctl)
-0.2 to Vdd
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
DC blocking capacitors are required at ports RFC, Tx and
Rx. Inductors are required from Tx to RFC and Rx to RFC.
See Application Circuit Herein.
Control Input
Signal Path State
Vctl (Vdc)
Tx to RFC
RFC to Rx
0.0
OFF
ON
Vdd
ON
OFF
Vdd = +5.0V to +8.0V ± 0.2V
Control Input Voltage Tolerances are ± 0.2 Vdc.
Truth Table
Do not operate continuously at power levels > 1 dB com-
pression and do not “hot switch” power levels greater than
+36 dBm (Vctl= +8V) into the Tx port and no greater than
+27 dBm into the Rx port.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
v03.0805
GaAs MMIC 10W T/R
SWITCH, 824 - 894 MHz*
HMC446 / 446E
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC446
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H446
XXXX
HMC446E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
446E
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information


Similar Part No. - HMC446_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446_06 Datasheet
236Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
More results

Similar Description - HMC446_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
HMC446 HITTITE-HMC446_06 Datasheet
236Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
   GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
logo
API Technologies Corp
CMD343 APITECH-CMD343 Datasheet
131Kb / 2P
   E AMPS Duplexer 824 ??894 MHz
logo
Hittite Microwave Corpo...
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
   GaAs MMIC T/R SWITCH 5 - 6 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
   GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com