Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC446E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC446E
Description  GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC446E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC446E Datasheet HTML 1Page - Hittite Microwave Corporation HMC446E Datasheet HTML 2Page - Hittite Microwave Corporation HMC446E Datasheet HTML 3Page - Hittite Microwave Corporation HMC446E Datasheet HTML 4Page - Hittite Microwave Corporation HMC446E Datasheet HTML 5Page - Hittite Microwave Corporation HMC446E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10
10 - 279
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques.
Signal
lines should have 50 ohm impedance while the
package ground leads should be connected directly
to the ground plane similar to that shown above.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board as shown is available from
Hittite upon request.
Item
Description
J1 - J3
PCB Mount SMA RF Connector
J4 - J6
DC Pin
C1 - C3
330 pF Capacitor, 0603 Pkg.
LTx
22 nH Inductor, 0603 Pkg.
LRx
8.2 nH Inductor, 0402 Pkg.
U1
HMC446 / HMC446E T/R Switch
PCB [2]
103835 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
v03.0805
GaAs MMIC 10W T/R
SWITCH, 824 - 894 MHz*
HMC446 / 446E
List of Materials for Evaluation PCB 103837 [1]


Similar Part No. - HMC446E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
HMC446 HITTITE-HMC446 Datasheet
236Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC446 HITTITE-HMC446_06 Datasheet
236Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
More results

Similar Description - HMC446E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
HMC446 HITTITE-HMC446_06 Datasheet
236Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
   GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
logo
API Technologies Corp
CMD343 APITECH-CMD343 Datasheet
131Kb / 2P
   E AMPS Duplexer 824 ??894 MHz
logo
Hittite Microwave Corpo...
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
   GaAs MMIC T/R SWITCH 5 - 6 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
   GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com