Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV9107C Datasheet(PDF) 6 Page - Integrated Device Technology

Part # AV9107C
Description  CPU Frequency Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9107C Datasheet(HTML) 6 Page - Integrated Device Technology

  AV9107C Datasheet HTML 1Page - Integrated Device Technology AV9107C Datasheet HTML 2Page - Integrated Device Technology AV9107C Datasheet HTML 3Page - Integrated Device Technology AV9107C Datasheet HTML 4Page - Integrated Device Technology AV9107C Datasheet HTML 5Page - Integrated Device Technology AV9107C Datasheet HTML 6Page - Integrated Device Technology AV9107C Datasheet HTML 7Page - Integrated Device Technology AV9107C Datasheet HTML 8Page - Integrated Device Technology AV9107C Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
AV9107C
Electrical Characteristics at 5V
Operating VDD = +4.5V to +5.5V; TA =0°C to 70°C unless otherwise stated
Note: 1. Parameter is guaranteed by design and characterization. Not 100% tested in production.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
V
IL
0.8
V
Input High Voltage
V
IH
2.0
-
-
V
Input Low Current
I
IL
V
IN
=0V (Pull-up input)
-16.0
-6.0
-
µA
Input Low Current
I
IL
V
IN
=0V (Input with no
pull-up)
-2.0
-
2.0
µA
Input High Current
I
IH
V
IN
=VDD
-2.0
-
2.0
µA
Output Low Voltage1
V
OL
I
OL
=10mA
-
0.15
0.40
V
Output High Voltage
1
V
OH
I
OH
=-30mA
2.4
3.25
-
V
Output Low Current
1
I
OL
V
OL
=0.8V
22.0
35.0
-
mA
Output High Current
1
I
OH
V
OH
=2.0V
-
-50.0
-35.0
mA
Supply Current
I
DD
Unload, 50 MHz
-
18.0
42.0
mA
Supply Current;
Power-down (-03 only)
I
DD
(PD low)
Unload, Logic Inputs 000
-
38.0
100.0
µA
Supply Current;
Power-down (-03 only)
I
DD
(PD low)
Unload, Logic Inputs 111
-
14.0
40.0
µA
Supply Current;
Slow Clock (-11 only)
I
DD
(Slow
Clock low)
Unloaded, Slow Clock pin low
-
5.5
9.0
mA
Pull-up Resistor
1
R
pu
-
380.0
700.0
k ohms
AC Characteristics
Rise Time
1
T
r
15pF load, 0.8 to 2.0V
-
0.60
1.40
ns
Fall Time
1
T
f
15pF load, 2.0 to 0.8V
-
0.40
1.00
ns
Rise Time
1
T
r
15pF load, 20% to 80%
-
2.0
3.5
ns
Fall Time1
T
f
15pF load, 80 to 20%
-
1.0
2.5
ns
Duty Cycle1
D
t
15pF load @ 1.4V
45.0
50.0
55.0
%
Jitter, One Sigma1
T
jis
From 20 to 100 MHz
-
50.0
150.0
ps
Jitter, One Sigma
1
T
jis
From 14 to 16 MHz
-
100.0
200.0
ps
Jitter, One Sigma
1
T
jis
From 14 to Below
-
0.2
1.0
%
Jitter, Absolute
1
T
jab
From 20 to 100 MHz
-250.0
-
250.0
ps
Jitter, Absolute
1
T
jab
From 14 to 16 MHz
-500.0
-
500.0
ps
Jitter, Absolute
1
T
jab
From 14 to Below
-
1.0
3.0
%
Input Frequency
1
F
i
11.0
14.3
19.0
MHz
Output Frequency
1
F
o
2.0
-
120.0
MHz
Power-up Time
1
T
pu
-7.58
18.0
ms
Transition Time1
T
ft
8 to 66.6 MHz
-
6.0
13.0
ms


Similar Part No. - AV9107C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C ICST-AV9107C Datasheet
504Kb / 9P
   CPU Frequency Generator
AV9107C-03CS14 ICST-AV9107C-03CS14 Datasheet
504Kb / 9P
   CPU Frequency Generator
AV9107C-05CS08 ICST-AV9107C-05CS08 Datasheet
504Kb / 9P
   CPU Frequency Generator
AV9107C-10CS08 ICST-AV9107C-10CS08 Datasheet
504Kb / 9P
   CPU Frequency Generator
AV9107C-11 ICST-AV9107C-11 Datasheet
69Kb / 1P
   Green PC CPU Frequency Generator
More results

Similar Description - AV9107C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9107C-17 IDT-AV9107C-17 Datasheet
149Kb / 5P
   CPU Frequency Generator
logo
Integrated Circuit Syst...
AV9108 ICST-AV9108 Datasheet
323Kb / 8P
   CPU Frequency Generator
AV9107C-17 ICST-AV9107C-17 Datasheet
143Kb / 5P
   CPU Frequency Generator
AV9107C-13 ICST-AV9107C-13 Datasheet
245Kb / 5P
   CPU Frequency Generator
AV9107C ICST-AV9107C Datasheet
504Kb / 9P
   CPU Frequency Generator
AV9107C-11 ICST-AV9107C-11 Datasheet
69Kb / 1P
   Green PC CPU Frequency Generator
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com