Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC450QS16GE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC450QS16GE
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC450QS16GE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC450QS16GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC450QS16GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC450QS16GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC450QS16GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC450QS16GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC450QS16GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC450QS16GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC450QS16GE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 118
Outline Drawing
Absolute Maximum Ratings
Collector Bias Voltage (Vcc)
+5.5 Vdc
Control Voltage (Vpd1, Vpd2)
+5Vdc
RF Input Power (RFIN)(Vs = +5Vdc,
VPD = +4.0 Vdc)
+10 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 28 mW/°C above 85 °C)
1.86 W
Thermal Resistance
(junction to ground paddle)
35 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
Vs (V)
Icq (mA)
4.75
300
5.0
310
5.25
325
Typical Supply Current
vs. Supply Voltage
Note: Amplifier will operate over full voltage range shown above
HMC450QS16G / 450QS16GE
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 0.8 - 1.0 GHz
v02.0406
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC450QS16G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H450
XXXX
HMC450QS16GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H450
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Similar Part No. - HMC450QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC450QS16GE HITTITE-HMC450QS16GE Datasheet
387Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
Analog Devices
HMC450QS16GE AD-HMC450QS16GE Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results

Similar Description - HMC450QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC450QS16G HITTITE-HMC450QS16G Datasheet
387Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC413QS16G HITTITE-HMC413QS16G Datasheet
318Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC407MS8G HITTITE-HMC407MS8G Datasheet
279Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC406MS8G HITTITE-HMC406MS8G_10 Datasheet
222Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com