Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC453QS16G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC453QS16G
Description  InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC453QS16G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC453QS16G_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC453QS16G_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC453QS16G_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC453QS16G_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC453QS16G_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC453QS16G_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC453QS16G_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC453QS16G_09 Datasheet HTML 8Page - Hittite Microwave Corporation HMC453QS16G_09 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 178
HMC453QS16G / 453QS16GE
InGaP HBT 1.6 WATT POWER
AMPLIFIER, 0.4 - 2.2 GHz
v01.0205
General Description
Features
Functional Diagram
The HMC453QS16G & HMC453QS16GE are high
dynamic range GaAs InGaP Heterojunction Bipo-
lar Transistor (HBT) 1.6 watt MMIC power amplifiers
operating between 0.4 and 2.2 GHz. Packaged in a
miniature 16 lead QSOP plastic package, the amp-
lifier gain is typically 21.5 dB at 0.4 GHz and 8 dB
at 2.1 GHz. Utilizing a minimum number of external
components and a single +5V supply, the amplifier
output IP3 can be optimized to +47 dBm at 0.4 GHz
or +51 dBm at 2.1 GHz. The power control (VPD)
can be used for full power down or RF output power/
current control. The high output IP3 and PAE
make the HMC453QS16G(E) ideal power amplifiers
for Cellular/PCS/3G, WLL, ISM and Fixed Wireless
applications.
Output IP3: +51 dBm
21.5 dB Gain @ 400 MHz
8 dB Gain @ 2100 MHz
45% PAE @ +32 dBm Pout
+25 dBm CDMA2000 Channel Power@ -45 dBc ACP
Single +5V Supply
Integrated Power Control (VPD)
QSOP16G SMT Package: 29.4 mm2
Electrical Specifications, T
A = +25°C, Vs= +5V, VPD = +5V
[1]
Typical Applications
The HMC453QS16G / HMC453QS16GE is ideal for
applications requiring a high dynamic range amplifier:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• CATV/Cable Modem
• Fixed Wireless & WLL
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
400 - 410
450 - 496
810 - 960
1710 - 1990
2010 - 2170
MHz
Gain
19
21.5
18
20.5
12
15
6
9
6
8
dB
Gain Variation Over
Temperature
0.012
0.02
0.012
0.02
0.012
0.02
0.012
0.02
0.012
0.02
dB /
°C
Input Return Loss
12
15
12
10
15
dB
Output Return Loss
10
10
15
13
18
dB
Output Power for 1dB
Compression (P1dB)
29
32
29
32
29
32
28.5
31.5
30
33
dBm
Saturated Output
Power (Psat)
32.25
32.25
32.5
32
33.5
dBm
Output Third Order
Intercept (IP3) [2]
44
47
47
50
46
49
44
50
48
51
dBm
Noise Figure
7
8.5
7
7.5
6.5
dB
Supply Current (Icq)
725
725
725
725
725
mA
Control Current (IPD)
12
12
12
12
12
mA
[1] Specifications and data reflect HMC453QS16G measured using the respective application circuits for each designated frequency band found
herein. Contact the HMC Applications Group for assistance in optimizing performance for your application.
[2] Two-tone input power of -10 dBm per tone, 1 MHz spacing.


Similar Part No. - HMC453QS16G_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC453QS16G HITTITE-HMC453QS16G_06 Datasheet
1,023Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results

Similar Description - HMC453QS16G_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC453QS16G HITTITE-HMC453QS16G_06 Datasheet
1,023Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_06 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G Datasheet
379Kb / 12P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
HMC413QS16G HITTITE-HMC413QS16G_09 Datasheet
288Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
HMC413QS16G HITTITE-HMC413QS16G Datasheet
318Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com