Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT02-120-006 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # GT02-120-006
Description  Gate Drive Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

GT02-120-006 Datasheet(HTML) 1 Page - ice Components, Ins.

  GT02-120-006 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
• Low Profile - 3mm
• Designed for Frequencies from
75 kHz to over 1 MHz
• Suiteable for Pick and Place
applications
Mechanical
Schematic
Recommended PCb Layout
Applications
• Gate Drive Transformer
• AC/DC and DC/DC
Converters
• Pulse/Signal Transformers
1. Tested at 100kHz, 0.1Vrms.
2. Electrical specifications at 25ºC.
3. Operating range: -40 ºC to
+130 ºC.
4. Meets UL 94V-0.
5. E-T product rating is for
secondary (gate) windings and
is based upon a flux density
of 2200 Gaussat 25 ºC in a
bipolar drive application.
Packaging Reel diameter: 13”, Reel width: 16 mm, Pieces/reel: 1500
units: mm
Part
Turns Ratio Inductance
1
DCR
2
Lkg. Ind. E-T Prod
5
Hi-Pot
Schematic
Number
N1:N2:N3
(μH, min.)
(m
Ω, max.) (μH, max.)
(V-μs)
(V
dc)
GT02-110-006
1:1
135
225:225
0.2
6.9
1500
A
GT02-110-010
1:1
290.4
320:320
0.2
10.2
1500
A
GT02-110-019
1:1
785
600:520
0.36
19.4
1500
A
GT02-120-006
1:2.5
21.6
110:320
0.1
6.9
1500
A
GT02-120-014
1:2.5
86.4
190:410
0.15
13.8
1500
A
GT02-111-006
1:1:1
135
230:230
0.1
6.9
1500
B
GT02-122-006
1:2.5:2.5
21.6
110:230
0.1
6.9
1500
B
GT02-122-008
1:2:2
48.6
160:260
0.15
8.3
1500
B
Electrical Specifications
Top View
Dot for
pin 1
1
2
3
0.76
6
5
4
1
2
6
3.0 max
4
5
1
4
2
4
3
5
3
1
6
6
1.52
5.71
8.6 max
6.8
max
1.27
2.54
(X4)
XXX-XXX
YYWW
3
N2
N1
N1
N2
N3
GT02 Series
Gate Drive Transformer
82
(02/08) GT02-1


Similar Part No. - GT02-120-006

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GT02-120-006 ICE-GT02-120-006 Datasheet
203Kb / 1P
   Gate Drive Transformer
GT02-120-006 ICE-GT02-120-006 Datasheet
176Kb / 1P
   Gate Drive Transformer
More results

Similar Description - GT02-120-006

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GT03 ICE-GT03_10 Datasheet
240Kb / 1P
   Gate Drive Transformer
logo
Datatronic Distribution...
SM76922 DATATRONICS-SM76922 Datasheet
134Kb / 1P
   GATE DRIVE TRANSFORMER
SM76925 DATATRONICS-SM76925 Datasheet
87Kb / 1P
   GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT04 ICE-GT04_08 Datasheet
206Kb / 2P
   Gate Drive Transformer
logo
XFMRS Inc.
XF0144-GD10 XFMRS-XF0144-GD10 Datasheet
39Kb / 1P
   Gate Drive Transformer
XF1145-GD11 XFMRS-XF1145-GD11 Datasheet
48Kb / 1P
   Gate Drive Transformer
XF0144-GD10 XFMRS-XF0144-GD10_15 Datasheet
39Kb / 1P
   GATE DRIVE TRANSFORMER
logo
Pulse A Technitrol Comp...
PL3057 PULSE-PL3057 Datasheet
98Kb / 2P
   GATE DRIVE TRANSFORMER
logo
List of Unclassifed Man...
XF0144-GD10 ETC-XF0144-GD10 Datasheet
35Kb / 1P
   GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03 Datasheet
147Kb / 1P
   Gate Drive Transformer
logo
XFMRS Inc.
XF9806A-GD13 XFMRS-XF9806A-GD13 Datasheet
43Kb / 1P
   GATE DRIVE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com