Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS95V857 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS95V857
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS95V857 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS95V857 Datasheet HTML 5Page - Integrated Device Technology ICS95V857 Datasheet HTML 6Page - Integrated Device Technology ICS95V857 Datasheet HTML 7Page - Integrated Device Technology ICS95V857 Datasheet HTML 8Page - Integrated Device Technology ICS95V857 Datasheet HTML 9Page - Integrated Device Technology ICS95V857 Datasheet HTML 10Page - Integrated Device Technology ICS95V857 Datasheet HTML 11Page - Integrated Device Technology ICS95V857 Datasheet HTML 12Page - Integrated Device Technology ICS95V857 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
ICS95V857
0674U—01/27/09
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
Ordering Information
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.13
0.23
.005
.009
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a0°
aaa
--
0.08
--
.003
VARIATIONS
MIN
MAX
MIN
MAX
48
9.60
9.80
.378
.386
10-0037
N
D mm.
D (inch)
Reference Do c.: JEDEC P ublicatio n 95, M O-153
0.40 BASIC
0.016 BASIC
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
4.40 mm. Body, 0.40 mm. pitch TSSOP
(173 mil)
(16 mil)
Example:
95V857ALLFT
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
L = TSSOP (TVSOP)
Revision Designator (will not correlate with datasheet revision)
Device Type
XXXX y L (LF)
T


Similar Part No. - ICS95V857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857 ICST-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857AG-130LF-T ICST-ICS95V857AG-130LF-T Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857AGLF-T ICST-ICS95V857AGLF-T Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results

Similar Description - ICS95V857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
logo
Integrated Circuit Syst...
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95VLP857 RENESAS-ICS95VLP857 Datasheet
293Kb / 14P
   2.5V Low Power Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com