Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC454ST89 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC454ST89
Description  InGaP HBTWATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC454ST89 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC454ST89_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC454ST89_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC454ST89_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC454ST89_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC454ST89_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC454ST89_10 Datasheet HTML 9Page - Hittite Microwave Corporation HMC454ST89_10 Datasheet HTML 10Page - Hittite Microwave Corporation HMC454ST89_10 Datasheet HTML 11Page - Hittite Microwave Corporation HMC454ST89_10 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 197
900 MHz Evaluation PCB
The circuit board used in this application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation board should be mounted to an appro-
priate heat sink. The evaluation circuit board shown
is available from Hittite upon request.
List of Materials for Evaluation PCB 107755 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 -J4
DC Pins
C1
8 pF Capacitor, 0402 Pkg.
C2
22 pF Capacitor, 0402 Pkg.
C3
2.7 pF Capacitor, 0402 Pkg.
C4, C6
100 pF Capacitor, 0402 Pkg.
C5
2.2 μF Capacitor, Tantalum
L1, L2
1 nH Inductor, 0402 Pkg.
L3
36 nH Inductor, 0402 Pkg.
R1
5.1 Ohms
U1
HMC454ST89 / HMC454ST89E
Linear Amp
PCB [2]
107753 Evaluation PCB, 10 mils
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350, Er = 3.48
HMC454ST89 / 454ST89E
v05.0710
InGaP HBT ½ WATT HIGH IP3
AMPLIFIER, 0.4 - 2.5 GHz


Similar Part No. - HMC454ST89_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC454ST89E AD-HMC454ST89E Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC454ST89 HITTITE-HMC454ST89_07 Datasheet
405Kb / 12P
   InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
More results

Similar Description - HMC454ST89_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC454ST89 HITTITE-HMC454ST89_07 Datasheet
405Kb / 12P
   InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89 Datasheet
400Kb / 14P
   InGaP HBT 1/2 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
   InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
logo
Analog Devices
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
   InGaP HBT Watt High IP3 AMPLIFIER
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
logo
WJ Communication. Inc.
AH115 WJCI-AH115 Datasheet
422Kb / 5P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com