Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC454ST89E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC454ST89E
Description  InGaP HBTWATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC454ST89E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC454ST89E Datasheet HTML 4Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 5Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 6Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 7Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 8Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 9Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 10Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 11Page - Hittite Microwave Corporation HMC454ST89E Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 198
1960 & 2140 MHz Application Circuit
Recommended Component Values
L1
8.2 nH
C1
1 pF
C2
1.2 pF
C3
3 pF
C4
100 pF
C5
2.2 μF
TL1
TL2
T3
TL4
Impedance
50 Ohm
50 Ohm
50 Ohm
50 Ohm
Physical Length
0.32”
0.10”
0.07”
0.17”
Electrical Length
34°
11°
18.5°
PCB Material: 10 mil Rogers 4350, Er = 3.48
This circuit was used to specify the performance for 1800-2000 and 2000-2200 MHz operation. This circuit will
satisfy many applications from 1700 to 2500 MHz. Contact the HMC Applications Group for assistance in optimizing
performance for your application.
HMC454ST89 / 454ST89E
v05.0710
InGaP HBT ½ WATT HIGH IP3
AMPLIFIER, 0.4 - 2.5 GHz


Similar Part No. - HMC454ST89E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC454ST89E AD-HMC454ST89E Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
More results

Similar Description - HMC454ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC454ST89 HITTITE-HMC454ST89_07 Datasheet
405Kb / 12P
   InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89 Datasheet
400Kb / 14P
   InGaP HBT 1/2 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
   InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
logo
Analog Devices
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
   InGaP HBT Watt High IP3 AMPLIFIER
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
logo
WJ Communication. Inc.
AH115 WJCI-AH115 Datasheet
422Kb / 5P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com