Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML-B Datasheet(PDF) 1 Page - Cree, Inc

Part # ML-B
Description  Cree짰 XLamp짰 ML-B LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-B Datasheet(HTML) 1 Page - Cree, Inc

  ML-B Datasheet HTML 1Page - Cree, Inc ML-B Datasheet HTML 2Page - Cree, Inc ML-B Datasheet HTML 3Page - Cree, Inc ML-B Datasheet HTML 4Page - Cree, Inc ML-B Datasheet HTML 5Page - Cree, Inc ML-B Datasheet HTML 6Page - Cree, Inc ML-B Datasheet HTML 7Page - Cree, Inc ML-B Datasheet HTML 8Page - Cree, Inc ML-B Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo
and XLamp are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree
® XLamp® ML-B LEDs
PRODUCT DESCRIPTION
The Cree XLamp ML-B LED brings
lighting-class reliability and per-
formance to 1/4-watt LEDs. The
XLamp ML-B expands Cree’s light-
ing-class leadership to linear and
distributed lighting applications.
With XLamp lighting-class reliabil-
ity, a wide viewing angle, uniform
light output, and industry-leading
chromaticity binning in a 3.5-mm
X 3.5-mm package, the XLamp
ML-B LED continues Cree’s history
of segment-focused product inno-
vation in LEDs for lighting applica-
tions.
The XLamp ML-B LED brings high
performance and a smooth look to
a wide range of lighting applica-
tions, including linear lighting, fluo-
rescent retrofits and retail-display
lighting.
FEATURES
• Available in white (2,600 K
to 8,300 K CCT)
• ANSI-compatible sub-bins
• Maximum drive current:
175 mA
• 120° viewing angle, uniform
chromaticity profile
• Electrically neutral thermal
path
• RoHS and REACH-compliant
• Unlimited floor life at
≤ 30°C/85% RH
TABLE OF CONTENTS
Flux Characteristics (T
J = 25°C) . . . . . . 2
Characteristics.......................... 2
Relative Spectral Power
Distribution..........................3
Relative Flux vs. Junction
Temperature (I
F = 80 mA). . . . . . . . 3
Electrical Characteristics
(T
J = 25°C). . . . . . . . . . . . . . . . . . . . . . . . . . 4
Relative Flux vs. Current
T
J = 25°C). . . . . . . . . . . . . . . . . . . . . . . . . . 4
Thermal Design.........................5
Typical Spatial Distribution............ 5
Reflow Soldering Characteristics...... 6
Notes.................................... 7
Mechanical Dimensions (T
A = 25°C).. 8
Tape and Reel........................... 9
Packaging..............................10


Similar Part No. - ML-B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ML-0688 MURATA-ML-0688 Datasheet
180Kb / 7P
   This product specification is applied to fresnel lens
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100 ARIES-ML-100 Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
More results

Similar Description - ML-B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XM-L2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com