Selected language     English  â–¼


I01-0170-01-00 Datasheet(PDF) 1 Page - ice Components, Ins.

Part No. I01-0170-01-00
Description  Output Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICE [ice Components, Ins.]
Homepage  http://www.icecomponents.com
Logo 

   
 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Well suited for SMpS applications
and as a ripple filter
Closed magnetic path minimizes
external magnetic fields
Toroid design provides highest
inductance for it’s size
Custom designs available
E LECTRICAL
S PECIFICA TIO n S
Part number
Inductance
IDC
Inductance
20kHz
Energy
ETOP
DCR
I(L-10%) I(L-20%) I(L-30%) I(L-40%)
Coil
Lead
(uH typ.)* (Amps)
no DC
Test v
Storage
(v-uSec) (Ohms max.)
(Amps)
(Amps)
(Amps)
(Amps)
Size
Dia.
(uH typ.)
no DC
(uJ)
Code
(mm)
I01-0210-01-00
210
1.5
368.2
0.146
236.3
165.6
0.304
0.37
0.69
1.08
1.45
A
0.4
I01-0450-01-00
450
1.5
710.0
0.308
506.3
330
0.450
0.34
0.77
1.13
1.59
C
0.4
I01-0950-01-00
950
1.5
1317.0
0.696 1068.8
568.7
0.673
0.7
1.1
1.6
2.1
D
0.4
I01-0120-01-00
120
2
201.1
0.108
240.0
122.4
0.133
0.65
0.99
1.5
1.86
A
0.5
I01-0250-01-00
250
2
399.4
0.231
500.0
247.5
0.217
0.5
1.11
1.6
2.1
C
0.5
I01-0485-01-00
485
2
656.2
0.492
970.0
394.8
0.294
0.84
1.5
2.3
3
D
0.5
I01-0070-01-00
70
3
115.0
0.103
315.0
110
0.068
0.7
1.3
2.1
2.7
B
0.64
I01-0145-01-00
145
3
255.6
0.185
652.5
198.0
0.109
0.71
1.33
1.96
2.6
C
0.64
I01-0285-01-00
285
3
417.5
0.392 1282.5
314.9
0.148
1.32
2.1
2.89
3.81
D
0.64
I01-0450-01-01
450
3
742.4
0.629 2025.0
504.0
0.197
0.88
1.53
2.21
2.96
F
0.64
I01-0022-01-00
22
5
33.5
0.055
275.0
59.4
0.014
1.5
2.9
4
5.2
B
1.1
I01-0055-01-00
55
5
95.8
0.130
687.5
122.1
0.040
1
2.31
3.29
4.55
C
1.1
I01-0100-01-00
100
5
156.3
0.240 1250.0
192.7
0.035
1.92
3.1
4.4
6.01
D
1.1
I01-0170-01-00
170
5
290.0
0.393 2125.0
315
0.046
1.28
2.35
3.3
4.5
F
1.1
I01-0020-01-00
20
7
34.4
0.068
490.0
72.6
0.013
1.49
3.2
4.7
6.9
C
1.3
I01-0055-01-01
55
7
95.2
0.187 1347.5
150.4
0.020
2.31
4
5.7
7.7
D
1.3
I01-0095-01-00
95
7
161.4
0.323 2327.5
236.6
0.028
1.65
3.6
5.3
7.4
G
1.3
I01-0010-01-00
10
10
16.0
0.046
500.0
49.5
0.006
1.2
4.6
7.2
10
C
1.6
I01-0020-01-01
20
10
33.6
0.111 1000.0
89.3
0.008
2.6
6.8
10
12
D
1.6
I01-0030-01-00
30
10
49.6
0.152 1500.0
122
0.009
2.1
4.7
7.5
10
E
1.6
*Measured @ rated current
Mounting Method: Add designator to the end of P/N
H = Horizontal, V = Vertical
I01 Series
Output Power Chokes
88
(03/08) I01-1




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl