Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821 Datasheet(PDF) 10 Page - Mill-Max Mfg. Corp.

Part # 821
Description  Mill-Max Spring-loaded Connectors Minimize Noise
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

821 Datasheet(HTML) 10 Page - Mill-Max Mfg. Corp.

Back Button 821 Datasheet HTML 3Page - Mill-Max Mfg. Corp. 821 Datasheet HTML 4Page - Mill-Max Mfg. Corp. 821 Datasheet HTML 5Page - Mill-Max Mfg. Corp. 821 Datasheet HTML 6Page - Mill-Max Mfg. Corp. 821 Datasheet HTML 7Page - Mill-Max Mfg. Corp. 821 Datasheet HTML 8Page - Mill-Max Mfg. Corp. 821 Datasheet HTML 9Page - Mill-Max Mfg. Corp. 821 Datasheet HTML 10Page - Mill-Max Mfg. Corp. 821 Datasheet HTML 11Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ORDER CODE: XXXX - X - 15 - 20 - 7X - 14 - XX - 0
BASIC PART #
SPRING FINISH:
SLEEVE & PLUNGER FINISH:
14 10
μ" GOLD OVER NICKEL
20 20
μ" GOLD OVER NICKEL
SPRING
71 Standard Stroke (.055):
xx grams@min stroke
75 Standard Stroke (.055):
25 grams@min stroke
73/74 Standard Stroke (.055):
60 grams@min stroke
77 Long Stroke
(.090):
95 grams@min stroke
78 Short Stroke
(.039):
xx grams@min stroke
}{
PINS
A HI
C
SIO
N
SPRING LOADED CONNECTORS
Discrete Spring Loaded Contacts
www.mill-max.com
516-922-6000
121.1
0980-0-15-20-75-14-11-0
Double action, *.055 Combined Stroke
Mount between parallel circuit boards
0980
0929
0925-0-15-20-73-14-26-0
Standard Stroke
Surface Mount
0934
0925
0936
0927-0-15-20-75-14-11-0
Standard Stroke
Surface Mount
0928-0-15-20-77-14-11-0
Long Stroke
Surface Mount
0927
0932
0928
SPECIFICATIONS
SLEEVE & PLUNGER MATERIAL: Copper Alloy
SPRING MATERIAL: Beryllium Copper
CURRENT RATING: 2A continuous, 3A peak
CONTACT RESISTANCE: 20m
Ω max.
DURABILITY: 1,000,000 cycles min.
DIMENSION IN INCHES
TOLERANCES ON: LENGTHS:
±.005
DIAMETERS: ±.002
ANGLES:
± 2°
0930-0-15-20-75-14-11-0
Standard Stroke
Solder Mount in .018 min. mounting hole
0932-0-15-20-77-14-11-0
Long Stroke
Solder Mount in .027 min. mounting hole
0934-0-15-20-74-14-26-0
Standard Stroke
Surface Mount
0930
0923
0923-0-15-20-78-14-11-0
Short Stroke
Surface Mount
0936-0-15-20-75-14-11-0
Standard Stroke
Surface Mount
0929-0-15-20-75-14-11-0
Standard Stroke
Solder Mount in .027 min. mounti
ng Hole
0908-X-15-20-75-14-11-0
Standard Stroke
Solder mount in .018 min. mounting hole
0908-X
Basic Part
Number
Length
A
0908-0
0908-1
0908-2
0908-3
0908-4
0908-5
0908-6
0908-7
0908-8
0908-9
.255
.275
.295
.315
.335
.350
.370
.390
.410
.430
.017 DIA.
.059 DIA.
.064 DIA.
.072 DIA.
.016
.028
.069
.198
A
.042 DIA.
STROKE
.0275
MID
STROKE
MAX
.055


Similar Part No. - 821

ManufacturerPart #DatasheetDescription
logo
Littelfuse
821 LITTELFUSE-821 Datasheet
179Kb / 1P
   Panel Mount , for 5x20mm Fuses
logo
Productwell Precision E...
821 PRODUCTWELL-821 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
3M Electronics
821 3M-821 Datasheet
577Kb / 6P
   3M??Scotch짰 Label Protection Tape 821
logo
AiT Semiconductor Inc.
821 AITSEMI-821 Datasheet
817Kb / 4P
   POWER INDUCTOR
821 AITSEMI-821 Datasheet
718Kb / 4P
   WIRE WOUND SMD INDUCTOR
More results

Similar Description - 821

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
829 MILL-MAX-829 Datasheet
140Kb / 1P
   SPRING-LOADED CONNECTORS
logo
Precid-Dip Durtal SA
811-SS-007-30-001101 PREDIP-811-SS-007-30-001101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-016-30-507101 PREDIP-802-10-016-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com