Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821-22-002-10-000-101 Datasheet(PDF) 8 Page - Mill-Max Mfg. Corp.

Part # 821-22-002-10-000-101
Description  Mill-Max Spring-loaded Connectors Minimize Noise
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

821-22-002-10-000-101 Datasheet(HTML) 8 Page - Mill-Max Mfg. Corp.

Back Button 821-22-002-10-000-101 Datasheet HTML 3Page - Mill-Max Mfg. Corp. 821-22-002-10-000-101 Datasheet HTML 4Page - Mill-Max Mfg. Corp. 821-22-002-10-000-101 Datasheet HTML 5Page - Mill-Max Mfg. Corp. 821-22-002-10-000-101 Datasheet HTML 6Page - Mill-Max Mfg. Corp. 821-22-002-10-000-101 Datasheet HTML 7Page - Mill-Max Mfg. Corp. 821-22-002-10-000-101 Datasheet HTML 8Page - Mill-Max Mfg. Corp. 821-22-002-10-000-101 Datasheet HTML 9Page - Mill-Max Mfg. Corp. 821-22-002-10-000-101 Datasheet HTML 10Page - Mill-Max Mfg. Corp. 821-22-002-10-000-101 Datasheet HTML 11Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
.072 DIA.
.110
.042 DIA.
.059 DIA.
.017 DIA.
.055
.100 (TYP)
.016
.198
.069
A
.072 DIA.
.110
.042 DIA.
.059 DIA.
.017 DIA.
.055
.100 (TYP)
.016
.198
.069
A
Technical Specifications
Materials:
Contact piston & Base: Machined copper alloy plated 20µ” gold
over 100µ” nickel
Spring: Beryllium copper plated 10µ” gold
Insulator: High temp. thermoplastic rated UL94 V-0
Mechanical:
Spring force @ initial height (A): 25 grams
Spring force @ mid stroke (B/2): 60 grams
Spring force @ full stroke (B): 95 grams
Durability: 1,000,000 cycles min.
Electrical:
Voltage rating: 100Vrms/150Vdc
Current rating: 2A (continous), 3A (peak) per contact
Contact resistance: 20m
Ω max.
Insulation resistance: 10,000M
Ω min.
Dielectric strength: 700Vrms min.
Capacitance: 1pF max.
Single Row Series 816...00X101
SPRING LOADED CONNECTORS
Thru Hole Mount
Single and Double Row Strips
www.mill-max.com
516-922-6000
120.3
Series 816...00X101
818...00X101
Double Row Series 818...00X101
• Modular contacts for use on .100” grid, available in
ten heights from .255” to .430”, supplied in single
and double row contact strips.
• Precision machined piston / base and gold plated
components assure a 1,000,000 min. cycle life.
• Pistons have a .0275 mid stroke & .055 max
stroke.
• Low resistance, high current contacts are rated at
2 amps continuous, 3 amps peak.
• High temperature thermoplastic insulators are suit-
able for surface mount processes.
• 816 & 818 series contact strips are designed for
manual placement into Ø .023±.003” plated-thru-
holes in the circuit board prior to intrusive reflow
soldering.
Ordering Information
816-22-0XX-10-00X-101
Single Row Series 816...00X101
Specify # of contacts
02-64
Specify contact style 0-9
818-22-0XX-10-00X-101
Double Row Series 818...00X101
Specify # of contacts
04-72
Specify contact style 0-9
CONTACT
INITIAL HEIGHT
STYLE
A
0
.255
1
.275
2
.295
3
.315
4
.335
CONTACT
INITIAL HEIGHT
STYLE
A
5
.350
6
.370
7
.390
8
.410
9
.430


Similar Part No. - 821-22-002-10-000-101

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
821-00005 EEMAGNETIC-821-00005 Datasheet
120Kb / 3P
   Single through hole models
821-00006F EEMAGNETIC-821-00006F Datasheet
120Kb / 3P
   Single through hole models
821-00023F EEMAGNETIC-821-00023F Datasheet
120Kb / 3P
   Single through hole models
821-00024F EEMAGNETIC-821-00024F Datasheet
120Kb / 3P
   Single through hole models
821-00026 EEMAGNETIC-821-00026 Datasheet
120Kb / 3P
   Single through hole models
More results

Similar Description - 821-22-002-10-000-101

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
829 MILL-MAX-829 Datasheet
140Kb / 1P
   SPRING-LOADED CONNECTORS
logo
Precid-Dip Durtal SA
811-SS-007-30-001101 PREDIP-811-SS-007-30-001101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-016-30-507101 PREDIP-802-10-016-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com