Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

823-22-004-10-000-101 Datasheet(PDF) 6 Page - Mill-Max Mfg. Corp.

Part # 823-22-004-10-000-101
Description  Mill-Max Spring-loaded Connectors Minimize Noise
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

823-22-004-10-000-101 Datasheet(HTML) 6 Page - Mill-Max Mfg. Corp.

Back Button 823-22-004-10-000-101 Datasheet HTML 2Page - Mill-Max Mfg. Corp. 823-22-004-10-000-101 Datasheet HTML 3Page - Mill-Max Mfg. Corp. 823-22-004-10-000-101 Datasheet HTML 4Page - Mill-Max Mfg. Corp. 823-22-004-10-000-101 Datasheet HTML 5Page - Mill-Max Mfg. Corp. 823-22-004-10-000-101 Datasheet HTML 6Page - Mill-Max Mfg. Corp. 823-22-004-10-000-101 Datasheet HTML 7Page - Mill-Max Mfg. Corp. 823-22-004-10-000-101 Datasheet HTML 8Page - Mill-Max Mfg. Corp. 823-22-004-10-000-101 Datasheet HTML 9Page - Mill-Max Mfg. Corp. 823-22-004-10-000-101 Datasheet HTML 10Page - Mill-Max Mfg. Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical Specifications
Materials:
Contact piston & Base: Machined copper alloy plated 20µ” gold
over 100µ” nickel
Spring: Beryllium copper plated 10µ” gold
Insulator: High temp. thermoplastic rated UL94 V-0
Mechanical:
Spring force @ initial height (A): 25 grams
Spring force @ mid stroke (B/2): 60 grams
Spring force @ full stroke (B): 95 grams
Durability: 1,000,000 cycles min.
Electrical:
Voltage rating: 100Vrms/150Vdc
Current rating: 2A (continous), 3A (peak) per contact
Contact resistance: 20m
Ω max.
Insulation resistance: 10,000M
Ω min.
Dielectric strength: 700Vrms min.
Capacitance: 1pF max.
SINGLE ROW Series 825
.302
.044
.090
.110
.115
.072 DIA.
.025 DIA.
.016
.042 DIA.
.100
.302
.044
.090
.110
.115
.072 DIA.
.025 DIA.
.016
.042 DIA.
SPRING LOADED CONNECTORS
Thru Hole Mount
Single and Double Row Strips
www.mill-max.com
516-922-6000
120.1
Series 825, 827
DOUBLE ROW Series 827
• Modular contacts for use on .100” grid, available in
a height of .302”, supplied in single and double row
contact strips.
• Precision machined piston / base and gold plated
components assure a 1,000,000 min. cycle life.
• Pistons have a .045 mid stroke & .090 max stroke.
• Low resistance, high current contacts are rated at
2 amps continuous, 3 amps peak.
• High temperature thermoplastic insulators are suit-
able for surface mount processes.
• 825 & 827 series contact strips are designed for
manual placement into Ø .030±.003” plated-thru-
holes in the circuit board prior to hand, wave or
reflow soldering.
Ordering Information
825-22-0XX-10-001101
Fig. 1
Single Row Series 825
Specify # of contacts
02-64
827-22-0XX-10-001101
Fig. 2
Double Row Series 827
Specify # of contacts
04-72


Similar Part No. - 823-22-004-10-000-101

ManufacturerPart #DatasheetDescription
logo
Littelfuse
823 LITTELFUSE-823 Datasheet
83Kb / 1P
   Panel Mount, Shocksafe Snap-In Type, 5x20mm Fuses
logo
California Eastern Labs
8230 CEL-8230 Datasheet
148Kb / 9P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Bourns Electronic Solut...
8230 BOURNS-8230 Datasheet
225Kb / 2P
   Conformal Coated RF Choke
logo
Mallory performance clu...
8230 MALLORY-8230 Datasheet
225Kb / 2P
   MSD Single Tower Coil with Isolated Ground
logo
Bourns Electronic Solut...
8230-00-RC BOURNS-8230-00-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
More results

Similar Description - 823-22-004-10-000-101

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
829 MILL-MAX-829 Datasheet
140Kb / 1P
   SPRING-LOADED CONNECTORS
logo
Precid-Dip Durtal SA
811-SS-007-30-001101 PREDIP-811-SS-007-30-001101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-016-30-507101 PREDIP-802-10-016-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com