Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC463LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC463LP5
Description  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC463LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC463LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & Noise Figure
vs. Supply Voltage @ 10 GHz, Fixed Vgg1
Gain, P1dB & Output IP3
vs. Control Voltage @ 10 GHz
Noise Figure & Supply Current
vs. Control Voltage @ 10 GHz
6
10
14
18
22
26
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
6
10
14
18
22
26
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
14
17
20
23
26
29
32
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
6
8
10
12
14
16
18
20
22
24
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
4.5
5
5.5
Gain
P1dB
Psat
NOISE FIGURE
Vdd (V)
20
25
30
35
40
45
50
55
60
65
70
75
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-1.4 -1.2
-1
-0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1
Idd
NOISE FIGURE
Vgg2 (V)
-4
0
4
8
12
16
20
24
28
32
-1.4 -1.2
-1
-0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1
Gain
P1dB
IP3
Vgg2 (V)
HMC463LP5 / 463LP5E
v08.0511
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz


Similar Part No. - HMC463LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 22P
   Active Bias Controller High Current
HMC463LP5E AD-HMC463LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
More results

Similar Description - HMC463LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463 HITTITE-HMC463_10 Datasheet
310Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250 Datasheet
350Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC463LH250 AD-HMC463LH250 Datasheet
1Mb / 6P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC463 AD-HMC463 Datasheet
725Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com