Selected language     English  ▼


I04-100-130 Datasheet(PDF) 1 Page - ice Components, Ins.

Part No. I04-100-130
Description  Output Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICE [ice Components, Ins.]
Homepage  http://www.icecomponents.com
Logo 

   
 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Applications
2nd Stage Output Filter for Offline Power Supplies
Electrical Specifications
Part Number
Loaded Inductance (μH)
1
DCR
Temp Rise5
0A
3.3A
6A
8A
10A
13A
16A
(mΩ, max.)
(°C )
I04-4R7-3R3-_
6.4
4.7
11
20.3
I04-100-3R3-_
14.8
10.0
16.5
19.3
I04-220-3R3-_
28.8
22.0
26
17.8
I04-2R2-6R0-_
3.0
2.7
2.2
3.2
18.5
I04-220-6R0-_
34.8
29.0
22.0
13
16.2
I04-4R7-8R0-_
7.2
6.5
5.5
4.7
4.2
16.7
I04-100-8R0-_
14.7
13.3
11.5
10.0
6.5
15.3
I04-150-8R0-_
20.7
18.5
16.0
15.0
9
15
I04-220-8R0-_
27.5
26.0
24.0
22.0
7
13.1
I04-2R2-130-_
3.5
2.8
2.5
2.2
2.4
19.4
I04-100-130-_
13.7
12.0
11.8
10.0
2.8
10.2
I04-4R7-160-_
7.5
6.3
5.8
4.7
2
12.1
1. Tested at 20 kHz and a Bmax of 10 Gauss.
2. Electrical specifications at 25°C.
3. Operating range: -40°C to +130°C. This is a combination of ambient plus temperature rise.
4. Meets UL 94V-0.
5. Temperature rise created by total design losses (copper loss plus core loss) at an ambient temperature of 25°C. Copper loss is calculated using the current
associated with the bold faced inductance value. Core loss assumes a output 0.5V ripple at 132kHz.
6. All inductance values assume a maximum temperature rise less than 25°C at an ambient temperature of 25°C.
7. The tolerance for no load inductance is +/-20%.
8. For mounting options, please specify
H (Horizontal) or v (Vertical) at the end of the part number.
Features
Designed for Use with Popular Flyback Controllers
Cost Effective Toroid Design
Low DCR to Minimize Losses
Range of Inductance Values at Each Current Rating
The I04 series has been designed in collaboration with On Semiconductor to work with the NCP1207 controller as a second
stage output filter. With multiple inductance values at popular output current levels, the I04 series provides solutions for
a range of output filtering needs. The low DCR values minimize the voltage drop across the inductor and minimize losses
due to temperature rise.
The low cost designs utilize powdered iron cores from Micrometals to eliminate the risk of long
term instability.
The NCP1207 is a PWM current-mode controller for free running quasi-resonant operation. Applications include notebook
and offline battery chargers, consumer electronics, set-top boxes, medical power supplies, etc…
I04 Series
Output Power Chokes
92
(03/08) I04-1




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl