Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC464 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC464
Description  GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC464 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC464_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC464_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC464_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC464_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC464_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC464_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
3 - 39
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
NOTES:
1. ALL DIMENSIONS IN INCHES [MILLIMETERS]
2. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS
3. DIE THICKNESS IS 0.004 (0.100)
4. TYPICAL BOND PAD IS 0.004 (0.100) SQUARE
5. BACKSIDE METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. BOND PAD METALIZATION: GOLD
Pad Number
Function
Description
Interface Schematic
1
RFIN
This pad is AC coupled and matched to 50 Ohms.
2Vgg2
Gate Control 2 for amplifier. +3V should be applied to
Vgg2 for nominal operation.
3
RFOUT & Vdd
RF output for amplifier. Connect the DC
bias (Vdd) network to provide drain current (Idd).
See application circuit herein.
4Vgg1
Gate Control 1 for amplifier. Adjust between -2 to 0V
to achieve Idd= 290 mA.
Die
Bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
HMC464
v04.0308
GaAs PHEMT MMIC
POWER AMPLIFIER, 2 - 20 GHz


Similar Part No. - HMC464_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC464LP5 HITTITE-HMC464LP5 Datasheet
242Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC464LP5 AD-HMC464LP5 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC464LP5E HITTITE-HMC464LP5E Datasheet
242Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC464LP5E AD-HMC464LP5E Datasheet
1Mb / 9P
   GaAs PHEMT MMIC POWER AMPLIFIER
More results

Similar Description - HMC464_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451 HITTITE-HMC451_09 Datasheet
273Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3_08 Datasheet
240Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250 Datasheet
350Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463 HITTITE-HMC463_10 Datasheet
310Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com