Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

465LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 465LP5E
Description  GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

465LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  465LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 465LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 465LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 465LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 465LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 465LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 465LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 465LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC465LP5 / 465LP5E
GaAs PHEMT MMIC MODULATOR DRIVER
AMPLIFIER, DC - 20 GHz
v06.1210
General Description
Features
Functional Diagram
The Hmc465lp5(e) is a GaAs mmic pHemT Dis-
tributed Driver Amplifier packaged in leadless 5x5
mm surface mount package which operate between
Dc and 20 GHz. The amplifier provides 15 dB of gain,
3 dB noise figure and +25 dBm of saturated output
power while requiring only 160 mA from a +8v supply.
Gain flatness is excellent at ±0.5 dB as well as ±4
deg deviation from linear phase from Dc - 10 GHz
making the Hmc465lp5(e) ideal for oc192 fiber
optic ln/mZ modulator driver amplifiers as well as
test equipment applications. The Hmc465lp5(e)
amplifiers i/os are internally matched to 50 ohms.
Gain: 15 dB
output voltage to 10vpk-pk
+24 dBm saturated output power
supply voltage: +8v @160 mA
50 ohm matched input/output
32 lead 5x5 mm Qfn package: 25 mm2
Typical Applications
The Hmc465lp5(e) wideband driver is ideal for:
• oc192 ln/mZ modulator Driver
• microwave radio & vsAT
• Test instrumentation
• military eW, ecm & c3i
Electrical Specifications, T
A = +25° C, Vdd= 8V, Vgg2= 1.5V, Idd= 160 mA*
parameter
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
Dc - 6
6.0 - 12.0
12.0 - 20.0
GHz
Gain
13
16
12
15
9.5
12.5
dB
Gain flatness
±0.75
±0.25
±1.5
dB
Gain variation over Temperature
0.015
0.02
0.020
0.025
0.035
0.045
dB/ °c
noise figure
3.0
3.0
4.0
dB
input return loss
20
15
8
dB
output return loss
22
17
12
dB
output power for 1 dB compression (p1dB)
21
24
20
23
16
20
dBm
saturated output power (psat)
25.5
25
23
dBm
output Third order intercept (ip3)
32
28
24
dBm
saturated output voltage
10
10
8
vpk-pk
Group Delay variation
±15
±15
psec
supply current
(idd) (vdd= 8v, vgg1= -0.6v Typ.)
160
160
160
mA
* Adjust Vgg1 between -2 to 0V to achieve Idd= 160 mA typical.


Similar Part No. - 465LP5E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
CAMBION Electronic Comp...
465-1781 CAMBION-465-1781 Datasheet
69Kb / 1P
   Crimp taper pin, .053 (1,35) to .061 (1,57) diameter pin
logo
Pomona Electronics
4650 POMONA-4650 Datasheet
21Kb / 1P
   Minigrabber Test Clip To In-Line Banana Plug
logo
List of Unclassifed Man...
4650 ETC-4650 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
Heyco.
4650 HEYCO-4650 Datasheet
360Kb / 1P
   Heyco®-Tite EMC Brass Liquid Tight Cordgrips
More results

Similar Description - 465LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
logo
Analog Devices
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Hittite Microwave Corpo...
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com