Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6TN-7101 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6TN-7101
Description  Slide DIP Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6TN-7101 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6TN-7101 Datasheet HTML 1Page - Omron Electronics LLC A6TN-7101 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
A6TN
A6TN
Dimensions
Note:
1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Internal Connection
Contact Form (Top View)
Precautions
Be sure to read the Safety precautions common to all DIP Switches for correct use.
8
7
6
5
4
3
2
1
A6TN
ON
1.2
2.54
0.25
1
1
1.6
0
−0.2
0.6
0
−0.1
0
−0.2
0
−0.1
0.8
dia.
+0.2
0
P: Number of poles
Flat actuator
Raised actuator
1.6
0.6
1.2
1 pole type
7.5
7.5
A±0.5
3.5±0.15
2.7±0.1
2.54× (P1)
7.6 to 8.7
3.25
5.25
4.25±0.15
2.7±0.1
7.62±0.1
2.54× (P1) ±0.1
4
4.48±0.5
Dimensions of PCB pad
(Top View)
Flat actuator
A6TN-@101
No.of
poles
Models
A
Flat actuator
Raised actuator
1
A6TN-1101
A6TN-1104
4.48
2
A6TN-2101
A6TN-2104
7.0
3
A6TN-3101
A6TN-3104
9.6
4
A6TN-4101
A6TN-4104
12.1
5
A6TN-5101
A6TN-5104
14.6
6
A6TN-6101
A6TN-6104
17.2
7
A6TN-7101
A6TN-7104
19.7
8
A6TN-8101
A6TN-8104
22.3
9
A6TN-9101
A6TN-9104
24.8
10
A6TN-0101
A6TN-0104
27.3
Raised actuator
A6TN-@104
ON
12
9 10
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - A6TN-7101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6T-0101 OMRON-A6T-0101 Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6T-0101 OMRON-A6T-0101 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6T-0102 OMRON-A6T-0102 Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6T-0102 OMRON-A6T-0102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
More results

Similar Description - A6TN-7101

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RS-01 DBLECTRO-RS-01 Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6SN OMRON-A6SN Datasheet
281Kb / 3P
   Slide DIP Switch (SMT)
A6S-2102 OMRON-A6S-2102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6HF OMRON-A6HF Datasheet
230Kb / 2P
   Slide DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
   SLIDE DIP SWITCHES
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com