Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9147-22 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9147-22
Description  Pentium/ProTM System and Cyrix혲 Clock Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9147-22 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9147-22 Datasheet HTML 1Page - Integrated Device Technology ICS9147-22 Datasheet HTML 2Page - Integrated Device Technology ICS9147-22 Datasheet HTML 3Page - Integrated Device Technology ICS9147-22 Datasheet HTML 4Page - Integrated Device Technology ICS9147-22 Datasheet HTML 5Page - Integrated Device Technology ICS9147-22 Datasheet HTML 6Page - Integrated Device Technology ICS9147-22 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICS9147-22
Technical Pin Function Descriptions
VDD(1,2,3,4)
This is the power supply to the internal core logic of the
device as well as the clock output buffers for REF(0:1),
PCICLK,48/24MHzandSDRAM(0:7).
This supply operates at 3.3 volts. Clocks from the listed
buffers that it supplies will have a voltage swing from Ground
to this level. For the actual guaranteed high and low voltage
levels for the Clocks, please consult the DC parameter table
in this data sheet.
VDDL
This is the power supply for the CPUCLK and IOAPIC output
buffers. The voltage level for these outputs may be 2.5 or 3.3
volts. Clocks from the buffers that each supplies will have a
voltage swing from Ground to this level. For the actual
guaranteed high and low voltage levels of these Clocks,
please consult the DC parameter table in this Data Sheet.
GND
This is the power supply ground (common or negative)
return pin for the internal core logic and all the output
buffers.
X1
This input pin serves one of two functions. When the
device is used with a Crystal, X1 acts as the input pin for
the reference signal that comes from the discrete crystal.
When the device is driven by an external clock signal, X1
is the device input pin for that reference clock. This pin
also implements an internal Crystal loading capacitor that
is connected to ground. See the data tables for the value
of this capacitor. Also includes feedback resistor from X2.
X2
This Output pin is used only when the device uses a
Crystal as the reference frequency source. In this mode of
operation, X2 is an output signal that drives (or excites)
the discrete Crystal. The X2 pin will also implement an
internal Crystal loading capacitor that is connected to
ground. See the Data Sheet for the value of this capacitor.
CPUCLK (0:3)
These Output pins are the Clock Outputs that drive
processor and other CPU related circuitry that requires
clocks which are in tight skew tolerance with the CPU
clock. The voltage swing of these Clocks is controlled by the
Voltage level applied to theVDDL2 pin of the device. See the
Functionality Table for a list of the specific frequencies that
are available for these Clocks and the selection codes to
produce them.
SDRAM(0:7)
These Output Clocks are use to drive Dynamic RAM’s and
are low skew copies of the CPU Clocks. The voltage swing of
the SDRAM’s output is controlled by the supply voltage
that is applied to VDD3 of the device, operating at 3.3 volts.
48MHz
This is a fixed frequency Clock output at 48MHz that is
typically used to drive USB devices.
24MHz
This pin is a fixed frequency clock output typically used
to drive Super I/O devices.
IOAPIC
This Output is a fixed frequency Output Clock that runs at
the Reference Input (typically 14.31818MHz) . Its voltage
level swing is controlled by VDDL and may operate at 2.5
or 3.3volts.
REF(0:1)
The REF Outputs are fixed frequency Clocks that run at
the same frequency as the Input Reference Clock X1 or the
Crystal (typically 14.31818MHz) attached across X1 and
X2.
PCICLK_F
This Output is equivalent to PCICLK(0:5) and is FREE
RUNNING.
PCICLK (0:5)
These Output Clocks generate all the PCI timing
requirements for a Pentium/Pro based system. They
conform to the current PCI specification. They run at 1/2
CPU frequency, or CPU/2.5; see frequency table.
FS0,1,2
These Input pins control the frequency of the Clocks at the
CPU, PCICLK and SDRAM output pins. See frequency
table.
PD#
This input pin stops all clocks in the low state and powers
down the oscillator and VCOs.


Similar Part No. - ICS9147-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-22 ICST-ICS9147-22 Datasheet
253Kb / 7P
   Pentium-ProTM System and Cyrix??Clock Chip
More results

Similar Description - ICS9147-22

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9147-12 IDT-ICS9147-12 Datasheet
502Kb / 9P
   Pentium/ProTM System and Cyrix혲 Clock Chip
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
   Pentium/ProTM System Clock Chip
9/27/99
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
   Pentium/ProTM System Clock Chip
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
   Pentium/ProTM System Clock Chip
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
   Pentium/ProTM System Clock Chip
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
   Pentium/ProTM System Clock Chip
2019
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
   Pentium/ProTM System Clock Chip
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
   Pentium/ProTM System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com