Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6SN-3104-P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6SN-3104-P
Description  Slide DIP Switch (SMT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6SN-3104-P Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6SN-3104-P Datasheet HTML 1Page - Omron Electronics LLC A6SN-3104-P Datasheet HTML 2Page - Omron Electronics LLC A6SN-3104-P Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
A6SN
A6SN
Specifications
Ratings/Characteristics
Dimensions
Note:
1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Internal Connections
Contact Form (Top View)
Rating
25 mA at 24 VDC, 10
μA (minimum current) at 3.5 VDC
Ambient operating temperature
-30 to 85
°C at 60% max. (with no icing or condensation)
Ambient operating humidity
35% to 95% (at 5 to 35
°C)
Insulation resistance
100 M
Ω min. (at 100 VDC)
Contact resistance
200 m
Ω max. (initial value)
Dielectric strength
300 VAC for 1 min between terminals
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: 490 m/s2 min.
Durability
Electrical: 1,000 operations min.
Operating force
0.98 to 7.9 N {100 to 806 gf}
Weight
0.3 g (2 poles)
0.55 g (4 poles)
0.8 g (6 poles) 1.05 g (8 poles) 1.3 g (10 poles)
ON
A6SN
7
8
6
5
4
3
2
1
0.8±0.2
0.8±0.2
1
1.6
0.6
0 to 0.2
0.25
1
7.5
1
1.1
P: Number of poles
2.54
1.2
1.6
0
−0.2
0
−0.2
0.6
0
−0.1
0
−0.1
Flat actuator
Raised actuator
Dimensions of PCB pad
(Top View)
1 pole type
A±0.5
2.54× (P1)
3.5±0.15
4.35 to 4.55
9.3±0.5
4.25±0.15
4.48±0.5
1.2
2.54× (P1) ±0.1
6.1 10.4
7.5
Flat actuator
A6SN-@101
A6SN-@101-P
No.of
poles
Models
A
Flat actuator
Raised actuator
1
A6SN-1101
A6SN-1104
4.48
2
A6SN-2101
A6SN-2104
7.0
3
A6SN-3101
A6SN-3104
9.6
4
A6SN-4101
A6SN-4104
12.1
5
A6SN-5101
A6SN-5104
14.6
6
A6SN-6101
A6SN-6104
17.2
7
A6SN-7101
A6SN-7104
19.7
8
A6SN-8101
A6SN-8104
22.3
9
A6SN-9101
A6SN-9104
24.8
10
A6SN-0101
A6SN-0104
27.3
Raised actuator
A6SN-@104
A6SN-@104-P
ON
12
9 10


Similar Part No. - A6SN-3104-P

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
A6S GOOD-ARK-A6S Datasheet
213Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Omron Electronics LLC
A6S-0101 OMRON-A6S-0101 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-0101-H OMRON-A6S-0101-H Datasheet
933Kb / 6P
   DIP Switch
A6S-0102 OMRON-A6S-0102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-0102-H OMRON-A6S-0102-H Datasheet
933Kb / 6P
   DIP Switch
More results

Similar Description - A6SN-3104-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6HF OMRON-A6HF Datasheet
230Kb / 2P
   Slide DIP Switch (SMT Half-pitch)
A6TN OMRON-A6TN Datasheet
242Kb / 2P
   Slide DIP Switch
logo
DB Lectro Inc
RS-01 DBLECTRO-RS-01 Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6S-2102 OMRON-A6S-2102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
logo
ITT Industries
AYZ0103AGRL ITT-AYZ0103AGRL Datasheet
40Kb / 2P
   AYZ Slide Switch for SMT
logo
Tyco Electronics
ADF06ST04 MACOM-ADF06ST04 Datasheet
321Kb / 3P
   DIP SWITCH, ADF-SMT SERIES
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
   SLIDE DIP SWITCHES
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
Tyco Electronics
ADF04ST04 MACOM-ADF04ST04 Datasheet
321Kb / 3P
   DIP SWITCH, ADF-SMT SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com