Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS86004-02 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS86004-02
Description  62.5MHZ TO 250MHZ, 1-TO-4 LVCMOS/LVTTL ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS86004-02 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS86004-02 Datasheet HTML 2Page - Integrated Device Technology ICS86004-02 Datasheet HTML 3Page - Integrated Device Technology ICS86004-02 Datasheet HTML 4Page - Integrated Device Technology ICS86004-02 Datasheet HTML 5Page - Integrated Device Technology ICS86004-02 Datasheet HTML 6Page - Integrated Device Technology ICS86004-02 Datasheet HTML 7Page - Integrated Device Technology ICS86004-02 Datasheet HTML 8Page - Integrated Device Technology ICS86004-02 Datasheet HTML 9Page - Integrated Device Technology ICS86004-02 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IDT/ ICSLVCMOS/LVTTL ZERO DELAY CLOCK BUFFER
8
ICS86004AG-02 REV A NOVEMBER 3, 2006
ICS86004-02
62.5MHz TO 250MHz, 1-TO-4 LVCMOS/LVTTL ZERO DELAY CLOCK BUFFER
PRELIMINARY
PACKAGE OUTLINE - G SUFFIX FOR 16 LEAD TSSOP
TABLE 7. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MO-153
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
m
u
m
i
n
i
Mm
u
m
i
x
a
M
N6
1
A-
-0
2
.
1
1
A5
0
.
05
1
.
0
2
A0
8
.
05
0
.
1
b9
1
.
00
3
.
0
c9
0
.
00
2
.
0
D0
9
.
40
1
.
5
EC
I
S
A
B
0
4
.
6
1
E0
3
.
40
5
.
4
eC
I
S
A
B
5
6
.
0
L5
4
.
05
7
.
0
α
°
8
a
a
a-
-0
1
.
0


Similar Part No. - ICS86004-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
ICS8602BT ICST-ICS8602BT Datasheet
148Kb / 10P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
ICS8602BYT ICST-ICS8602BYT Datasheet
148Kb / 10P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
More results

Similar Description - ICS86004-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
   62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
86004I RENESAS-86004I Datasheet
475Kb / 14P
   15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
86004 RENESAS-86004 Datasheet
419Kb / 14P
   15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
   1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
   1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
ICS87002-05 RENESAS-ICS87002-05 Datasheet
951Kb / 13P
   1:2 LVCMOS/LVTTL-to-LVCMOS/LVTTL Zero Delay Buffer for Audio
2019
logo
Integrated Circuit Syst...
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
   DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com