Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8743008I Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS8743008I
Description  FEMTOCLOCKS??LVDS/LVPECL ZERO DELAY BUFFER/CLOCK GENERATOR FOR PCI EXPRESS??AND ETHERNET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8743008I Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS8743008I Datasheet HTML 5Page - Integrated Device Technology ICS8743008I Datasheet HTML 6Page - Integrated Device Technology ICS8743008I Datasheet HTML 7Page - Integrated Device Technology ICS8743008I Datasheet HTML 8Page - Integrated Device Technology ICS8743008I Datasheet HTML 9Page - Integrated Device Technology ICS8743008I Datasheet HTML 10Page - Integrated Device Technology ICS8743008I Datasheet HTML 11Page - Integrated Device Technology ICS8743008I Datasheet HTML 12Page - Integrated Device Technology ICS8743008I Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ICS8743008I
FEMTOCLOCKS™ LVDS/LVPECL ZERO DELAY BUFFER/CLOCK GENERATOR
PRELIMINARY
IDT™ / ICS™ LVDS/LVPECL ZERO DELAY BUFFER/CLOCK GENERATOR 9
ICS8743008DKI REV. A AUGUST 25, 2008
Table 4G. LVPECL DC Characteristics, VDD = VDDO = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: Outputs termination with 50
Ω to V
DDO – 2V.
AC Electrical Characteristics
Table 5A. LVDS AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the differential cross points.
NOTE 3: Please refer to the Phase Noise plots.
NOTE 4: RMS jitter after applying system transfer function. See IDT Application Note PCI Express Reference Clock Requirements.
Maximum limit for PCI Express is 86ps peak-to-peak.
NOTE 5: RMS jitter after applying system transfer function. The pole frequencies for H1 and H2 for PCIe Gen 2 are 8-16MHz and
5-16MHz. See IDT Application Note PCI Express Reference Clock Requirements. Maximum limit for PCI Express Generation 2 is 3.1ps
rms.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
VDDO – 1.4
VDDO – 0.9
µA
VOL
Output Low Current; NOTE 1
VDDO – 2.0
VDDO – 1.7
µA
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
98
160
MHz
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1
25
ps
tsk(o)
Output Skew; NOTE 2
60
ps
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 3
125MHz, Integration Range:
1.875MHz – 20MHz
0.60
ps
100MHz, Integration Range:
1.875MHz – 20MHz
0.66
ps
tj
Phase Jitter Peak-to-Peak;
NOTE 4
125MHz, (1.2MHz – 21.9MHz),
106 samples
13.49
ps
tREFCLK_HF_RMS Phase Jitter RMS; NOTE 5
125MHz
1.29
ps
tR / tF
Output Rise/Fall Time
20% to 80%
600
ps
odc
Output Duty Cycle
50
%


Similar Part No. - ICS8743008I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
   PCI Express™ Jitter Attenuator
JANUARY 14, 2011
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874002AG ICST-ICS874002AG Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
More results

Similar Description - ICS8743008I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8714008I RENESAS-ICS8714008I Datasheet
770Kb / 35P
   FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
   FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Integrated Circuit Syst...
ICS843071I ICST-ICS843071I Datasheet
303Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
   700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com