Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32778 Datasheet(PDF) 9 Page - EPCOS

Part # B32778
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32778 Datasheet(HTML) 9 Page - EPCOS

Back Button B32778 Datasheet HTML 5Page - EPCOS B32778 Datasheet HTML 6Page - EPCOS B32778 Datasheet HTML 7Page - EPCOS B32778 Datasheet HTML 8Page - EPCOS B32778 Datasheet HTML 9Page - EPCOS B32778 Datasheet HTML 10Page - EPCOS B32778 Datasheet HTML 11Page - EPCOS B32778 Datasheet HTML 12Page - EPCOS B32778 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
Note:
The values of dV/dt provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lead spacing
27.5 mm
37.5 mm
52.5 mm
Type
B32774
B32776
B32778
VR (V DC)
450
800 1100 1300
450
800 1100 1300
450
800 1100 1300
CR (µF)
dV/dt in V/µs
1.5
100
2.0
75
3.0
40
100
5.0
30
40
75
100
7.0
75
8.0
73
10
30
73
12
40
54
73
14
22
54
73
15
22
16
54
20
22
54
50
22
30
22
25
22
50
27
50
30
21
22
35
35
21
40
21
35
45
15
50
21
55
15
60
21
15
75
14
80
14
100
14
110
14
B32774 ... B32778
MKP DC link
high density series
Page 9 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32778

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32778 EPCOS-B32778 Datasheet
313Kb / 21P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32778 EPCOS-B32778 Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32778G EPCOS-B32778G Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32778G EPCOS-B32778G Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32778G EPCOS-B32778G Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32778

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com