Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V7288S Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT70V7288S
Description  HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7288S Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT70V7288S_07 Datasheet HTML 1Page - Integrated Device Technology IDT70V7288S_07 Datasheet HTML 2Page - Integrated Device Technology IDT70V7288S_07 Datasheet HTML 3Page - Integrated Device Technology IDT70V7288S_07 Datasheet HTML 4Page - Integrated Device Technology IDT70V7288S_07 Datasheet HTML 5Page - Integrated Device Technology IDT70V7288S_07 Datasheet HTML 6Page - Integrated Device Technology IDT70V7288S_07 Datasheet HTML 7Page - Integrated Device Technology IDT70V7288S_07 Datasheet HTML 8Page - Integrated Device Technology IDT70V7288S_07 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6.42
IDT70V7288S/L
64K x 16 3.3V Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
3
NO
T RECOMMENDED
FOR
NEW
DESIGNS
INDEX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 9695 94 9392 9190 8988 8786 8584 8382 81 8079 7877 76
IDT70V7288PF
PN100-1(4)
100-Pin TQFP
Top View(5)
GND
OER
R/
WR
MBSELR
CE1R
CE0R
BKSEL3
NC
GND
A9R
A10R
A8R
A7R
A6R
A11R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
GND
UBR
LBR
4077 drw 02
I/O15L
GND
OEL
R/
WL
MBSELL
CE1L
CE0L
Vcc
BKSEL0
A11L
A10L
NC
A9L
A8L
A7L
A6L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
UBL
LBL
GND
A13R
A13L
,
Pin Names
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
NOTES:
1. Duplicated per port.
2. Each bank has an input pin assigned that allows the user to toggle the assign-
ment of that bank between the two ports. Refer to Truth Table IV for more details.
When changing the bank assignments, accesses of the affected banks must
be suspended. Accesses may continue uninterrupted in banks that are not
being reallocated.
3. Generated upon mailbox access.
4. All Vcc pins must be connected to power supply.
5. All GND pins must be connected to ground supply.
6. The first six address pins (A0-A5) for each port serve dual functions. When MBSEL
= VIH, the pins serve as memory address inputs. When MBSEL = VIL, the pins serve
as mailbox address inputs (A6-A13 ignored).
Pin Configurations(1,2,3)
A0 - A13(1,6)
Address Inputs
BA0 - BA1(1)
Bank Address Inputs
MBSEL(1)
Mailbox Access Control Gate
BKSEL0-3(2)
Bank Select Inputs
R/
W(1)
Read/Write Enable
OE(1)
Output Enable
CE0, CE1(1)
Chip Enables
UB, LB(1)
I/O Byte Enables
I/O0 - I/O15(1)
Bidirectional Data Input/Output
INT(1)
Interrupt Flag (Output)(3)
VCC(4)
3.3VPower
GND(5)
Ground
4077 tbl 01


Similar Part No. - IDT70V7288S_07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7288S20PF IDT-IDT70V7288S20PF Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S20PFI IDT-IDT70V7288S20PFI Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT70V7288S_07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278 IDT-IDT707278 Datasheet
135Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com