Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC480ST89 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC480ST89
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC480ST89 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC480ST89_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC480ST89_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC480ST89_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC480ST89_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC480ST89_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC480ST89_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 127
Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 Ohm impedance while the
package ground leads and package bottom should
be connected directly to the ground plane similar to
that shown. A sufficient number of via holes should
be used to connect the top and bottom ground
planes. The evaluation board should be mounted
to an appropriate heat sink. The evaluation circuit
board shown is available from Hittite upon request.
List of Materials for Evaluation PCB 108371 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 - J4
DC Pin
C1, C2
Capacitor, 0402 Pkg.
C3
100 pF Capacitor, 0402 Pkg.
C4
1000 pF Capacitor, 0603 Pkg.
C5
2.2 μF Capacitor, Tantalum
R1
Resistor, 1210 Pkg.
L1
Inductor, 0603 Pkg.
U1
HMC480ST89 / HMC480ST89E
PCB [2]
108370 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC480ST89 / 480ST89E
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5 GHz
v02.0710


Similar Part No. - HMC480ST89_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC480ST89E AD-HMC480ST89E Datasheet
297Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
More results

Similar Description - HMC480ST89_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC395 HITTITE-HMC395 Datasheet
200Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC311SC70 HITTITE-HMC311SC70_09 Datasheet
239Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC397 HITTITE-HMC397_09 Datasheet
188Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com