Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

481MP86E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 481MP86E
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

481MP86E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  481MP86E Datasheet HTML 1Page - Hittite Microwave Corporation 481MP86E Datasheet HTML 2Page - Hittite Microwave Corporation 481MP86E Datasheet HTML 3Page - Hittite Microwave Corporation 481MP86E Datasheet HTML 4Page - Hittite Microwave Corporation 481MP86E Datasheet HTML 5Page - Hittite Microwave Corporation 481MP86E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 5
Application Circuit
Recommended Component Values for Key Application Frequencies
Component
Frequency (MHz)
50
900
1900
2200
2400
3500
5000
L1
270 nH
56 nH
18 nH
18 nH
15 nH
8.2 nH
6.8 nH
C1, C2
0.01 μF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
Note:
1. External blocking capacitors are required on
RFIN and RFOUT.
2. RBIAS provides DC bias stability over temperature.
Recommended Bias Resistor Values
for Icc= 74 mA, Rbias= (Vs - Vcc) / Icc
Supply Voltage (Vs)
6V
8V
10V
12V
RBIAS VALUE
11 Ω
39 Ω
62 Ω
91 Ω
RBIAS POWER RATING
1/8 W
1/4 W
1/2 W
1 W
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1RFIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
3
RFOUT
RF output and DC Bias (Vcc) for the output stage.
2, 4
GND
These pins must be connected to RF/DC ground.
HMC481MP86 / 481MP86E
v03.0810
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5 GHz


Similar Part No. - 481MP86E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
logo
List of Unclassifed Man...
481 ETC2-481 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
481 OSCILENT-481 Datasheet
150Kb / 3P
   HCMOS / TTL Output
logo
3M Electronics
481 3M-481 Datasheet
130Kb / 6P
   3M??Preservation Sealing Tape 481
logo
List of Unclassifed Man...
481-0007 ETC2-481-0007 Datasheet
122Kb / 2P
   Nuts
More results

Similar Description - 481MP86E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479MP86 HITTITE-HMC479MP86_10 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479ST89 HITTITE-HMC479ST89_10 Datasheet
238Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC471MS8G HITTITE-HMC471MS8G_09 Datasheet
307Kb / 8P
   SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com