Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC483MS8G Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC483MS8G
Description  HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC483MS8G Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC483MS8G_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC483MS8G_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC483MS8G_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC483MS8G_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC483MS8G_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC483MS8G_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 234
Pin Number
Function
Description
Interface Schematic
1LO
This pin is AC coupled
and matched to 50 Ohms.
2N/C
Not connected. This pin may be connected to RF/DC
ground without affecting performance.
3, 6, 7
GND
This pin and the ground paddle must be
connected to RF ground.
4Vdd
Power supply for LO amplifier.
An external RF bypass capacitor is required.
5IF
This pin is DC coupled. For applications not requiring
operation to DC this port should be DC blocked externally
using a series capacitor. Choose value of capacitor to pass
IF frequency desired. For operation to DC, this pin must
not sink/source more than 40 mA of current or failure may
result.
8RF
This pin is DC coupled
and matched to 50 Ohms.
Pin Descriptions
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC483MS8G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H483
XXXX
HMC483MS8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H483
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC483MS8G / 483MS8GE
v01.0710
HIGH IP3 GaAs MMIC MIXER with
INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz


Similar Part No. - HMC483MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC483MS8GE HITTITE-HMC483MS8GE Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
More results

Similar Description - HMC483MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC665LP4 HITTITE-HMC665LP4 Datasheet
664Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
HMC585MS8G HITTITE-HMC585MS8G Datasheet
297Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC585MS8G HITTITE-HMC585MS8G_08 Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
logo
TriQuint Semiconductor
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
   1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com