Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9173B-15CS08LF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9173B-15CS08LF
Description  VIDEO GENLOCK PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9173B-15CS08LF Datasheet(HTML) 2 Page - Integrated Device Technology

  9173B-15CS08LF Datasheet HTML 1Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 2Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 3Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 4Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 5Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 6Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 7Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 8Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IDT9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT™ VIDEO GENLOCK PLL
2
IDT9173B
REV A 092308
Pin Assignment
Pin Descriptions
Allowable Input Frequency to Output Frequency for IDT9173B-01 (in MHz)
(IDT9173B-15 outputs run at exactly half of the IDT9173B-01 frequencies)
FBIN
IN
GND
VDD
FS0
CLK1
OE
CLK2
1
2
3
4
8
7
6
5
8 pin SOIC
Pin Number
Pin Name
Pin Type
Pin Description
1
FBIN
Input
Feedback input.
2
IN
Input
Input for reference sync pulse.
3
GND
Power
Ground.
4
FS0
Input
Frequency select 0 input.
5
OE
Input
Output enable.
6
CLK1
Output
Clock output 1.
7
VDD
Power
Power supply (+5 V).
8
CLK2
Output
Clock output 2 (divided-by-2 from Clock 1).
fOUT for FS = 0
fOUT for FS = 1
fIN (kHz)
CLK1 Output
CLK2 Output
CLK1 Output
CLK2 Output
12 < fIN < 14 kHz
44.0 to 75
22.0 to 37.5
11.0 to 18.75
5.5 to 9.375
14 < fIN < 17 kHz
30.0 to 75
15.0 to 37.5
7.5 to 18.75
3.75 to 9.375
17 < fIN < 30 kHz
25.0 to 75
12.5 to 37.5
6.25 to 18.75
3.125 to 9.375
30 < fIN < 35 kHz
15.0 to 75
7.5 to 37.5
3.75 to 18.75
1.875 to 9.375
35 < fIN < 1000 kHz
10.0 to 75
5.0 to 37.5
2.5 to 18.75
1.25 to 9.375


Similar Part No. - 9173B-15CS08LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9173B-15CS08LF RENESAS-9173B-15CS08LF Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
9173B-15CS08LFT RENESAS-9173B-15CS08LFT Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
More results

Similar Description - 9173B-15CS08LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
   Video Genlock PLL
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
   Video Genlock PLL
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
   Video Genlock PLL
logo
Renesas Technology Corp
ICS9173B RENESAS-ICS9173B Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
logo
Integrated Device Techn...
AV9173-15 IDT-AV9173-15 Datasheet
151Kb / 6P
   Video Genlock PLL
logo
Integrated Circuit Syst...
ICS9173-01 ICST-ICS9173-01 Datasheet
122Kb / 7P
   Video Genlock PLL
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
   VIDEO GENLOCK PLL
logo
NXP Semiconductors
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com